Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 59Page - Advanced Micro Devices ELANSC520 Datasheet HTML 60Page - Advanced Micro Devices ELANSC520 Datasheet HTML 61Page - Advanced Micro Devices ELANSC520 Datasheet HTML 62Page - Advanced Micro Devices ELANSC520 Datasheet HTML 63Page - Advanced Micro Devices ELANSC520 Datasheet HTML 64Page - Advanced Micro Devices ELANSC520 Datasheet HTML 65Page - Advanced Micro Devices ELANSC520 Datasheet HTML 66Page - Advanced Micro Devices ELANSC520 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 440 page
background image
System Arbitration Registers
Élan™SC520 Microcontroller Register Set Manual
5-7
Programming Notes
11–8
HI_PRI_1_SEL
[3–0]
PCI Bus Arbiter High Priority 1
This bit defines which PCI master is in position 1 of the high-priority queue.
0000 = PCI master connected to REQ0 and GNT0 is in position 1 of the high-priority queue.
0001 = PCI master connected to REQ1 and GNT1 is in position 1 of the high-priority queue.
0010 = PCI master connected to REQ2 and GNT2 is in position 1 of the high-priority queue.
0011 = PCI master connected to REQ3 and GNT3 is in position 1 of the high-priority queue.
0100 = PCI master connected to REQ4 and GNT4 is in position 1 of the high-priority queue.
0101–1110 = Reserved.
1111 = No master is in position 1 of the high-priority queue.
7–4
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
3–0
HI_PRI_0_SEL
[3–0]
PCI Bus Arbiter High Priority 0
This bit defines which PCI master is in position 0 of the high-priority queue.
0000 = PCI master connected to REQ0 and GNT0 is in position 0 of the high-priority queue.
0001 = PCI master connected to REQ1 and GNT1 is in position 0 of the high-priority queue.
0010 = PCI master connected to REQ2 and GNT2 is in position 0 of the high-priority queue.
0011 = PCI master connected to REQ3 and GNT3 is in position 0 of the high-priority queue.
0100 = PCI master connected to REQ4 and GNT4 is in position 0 of the high-priority queue.
0101–1110 = Reserved.
1111 = No master is in position 0 of the high-priority queue.
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com