Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 77Page - Advanced Micro Devices ELANSC520 Datasheet HTML 78Page - Advanced Micro Devices ELANSC520 Datasheet HTML 79Page - Advanced Micro Devices ELANSC520 Datasheet HTML 80Page - Advanced Micro Devices ELANSC520 Datasheet HTML 81Page - Advanced Micro Devices ELANSC520 Datasheet HTML 82Page - Advanced Micro Devices ELANSC520 Datasheet HTML 83Page - Advanced Micro Devices ELANSC520 Datasheet HTML 84Page - Advanced Micro Devices ELANSC520 Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 440 page
background image
PCI Bus Host Bridge Registers
Élan™SC520 Microcontroller Register Set Manual
6-17
PCI Configuration Data (PCICFGDATA)
Direct-Mapped
I/O Address 0CFCh
Register Description
Software reads or writes this register to initiate a PCI bus configuration cycle after setting up the PCICFGADR register
(see page 6-15).
Bit Definitions
Programming Notes
The ENABLE bit must be set in the PCICFGADR register for an access to this register (PCICFGDATA) to result in
a PCI bus configuration cycle. Otherwise the cycle accesses the PCI bus I/O space.
This register can be accessed as a doubleword, word, or byte. The appropriate CBEx signal combinations are driven
on the PCI bus during the data phase of the configuration cycle.
In the ÉlanSC520 microcontroller, the doubleword starting at 0CFCh must not be mapped to the GP bus.
31
30
29
28
27
26
25
24
Bit
CFG_DATA[31–24]
Reset
xxxxxxxx
R/W
R/W
23
22
21
20
19
18
17
16
Bit
CFG_DATA[23–16]
Reset
xxxxxxxx
R/W
R/W
15
14
13
12
11
10
9
8
Bit
CFG_DATA[15–8]
Reset
xxxxxxxx
R/W
R/W
7
6
5
4
3
2
1
0
Bit
CFG_DATA[7–0]
Reset
xxxxxxxx
R/W
R/W
Bit
Name
Function
31–0
CFG_DATA
[31–0]
Configuration Data
This bit field contains the data for the configuration access cycle (read or write).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com