Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 43Page - Advanced Micro Devices ELANSC520 Datasheet HTML 44Page - Advanced Micro Devices ELANSC520 Datasheet HTML 45Page - Advanced Micro Devices ELANSC520 Datasheet HTML 46Page - Advanced Micro Devices ELANSC520 Datasheet HTML 47Page - Advanced Micro Devices ELANSC520 Datasheet HTML 48Page - Advanced Micro Devices ELANSC520 Datasheet HTML 49Page - Advanced Micro Devices ELANSC520 Datasheet HTML 50Page - Advanced Micro Devices ELANSC520 Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 440 page
background image
Reset Generation Registers
Élan™SC520 Microcontroller Register Set Manual
3-5
Reset Status (RESSTA)
Memory-Mapped
MMCR Offset D74h
Register Description
This register provides status information on the various reset sources implemented in the ÉlanSC520 microcontroller:
emulated system control processor (SCP)-generated reset, CPU shutdown, AMDebug technology system reset,
AMDebug technology hard reset, watchdog timer, PWRGOOD signal, and PRGRESET signal.
Bit Definitions
7
6
5
4
3
2
1
0
Bit
Reserved
SCP_RST_
DET
ICE_HRST_
DET
ICE_SRST_
DET
WDT_RST_
DET
SD_RST_
DET
PRGRST_
DET
PWRGOOD_
DET
Reset
00000001
R/W
RSV
R/W!
R/W!
R/W!
R/W!
R/W!
R/W!
R/W!
Bit
Name
Function
7
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
6
SCP_RST_
DET
SCP Reset Detect
This bit is set when a soft reset is generated by the SCP emulation logic. Software clears this
bit by writing a 1.
0 = No SCP reset was detected.
1 = The CPU soft reset event was from an SCP reset command. (See the SCPCMD register
description on page 3-8).
A soft reset event clears the NMI_ENB bit in the PICICR register (see page 12-4). This allows
software to initialize the stack pointer before setting the NMI_ENB bit again after a soft reset.
5
ICE_HRST_
DET
AMDebug™ Technology Hard Reset Detect
This bit is set when a AMDebug technology hard reset is detected. Software clears this bit by
writing a 1.
0 = No AMDebug technology hard reset was detected.
1 = The CPU hard reset event was from an AMDebug technology hard reset.
4
ICE_SRST_
DET
AMDebug™ Technology System Reset Detect
This bit is set when an AMDebug technology system reset is detected. Software clears this bit
by writing a 1.
0 = No AMDebug technology system reset was detected.
1 = The system reset event was from an AMDebug technology system reset.
If the PRG_RST_ENB bit is 1 in the RESCFG register (see page 3-3), an AMDebug
technology system reset results in a programmable reset in which the SDRAM configuration
is maintained.
3
WDT_RST_
DET
Watchdog Timer Reset Detect
This bit is set when a watchdog timer system reset is detected. Software clears this bit by
writing a 1.
0 = No watchdog timer reset was detected.
1 = The system reset event was from a watchdog timer time-out.
If the PRG_RST_ENB bit is 1 in the RESCFG register (see page 3-3), a watchdog timer reset
results in a programmable reset in which the SDRAM configuration is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com