Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 30Page - Advanced Micro Devices ELANSC520 Datasheet HTML 31Page - Advanced Micro Devices ELANSC520 Datasheet HTML 32Page - Advanced Micro Devices ELANSC520 Datasheet HTML 33Page - Advanced Micro Devices ELANSC520 Datasheet HTML 34Page - Advanced Micro Devices ELANSC520 Datasheet HTML 35Page - Advanced Micro Devices ELANSC520 Datasheet HTML 36Page - Advanced Micro Devices ELANSC520 Datasheet HTML 37Page - Advanced Micro Devices ELANSC520 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 440 page
background image
System Address Mapping Registers
2-2
Élan™SC520 Microcontroller Register Set Manual
Address Decode Control (ADDDECCTL)
Memory-Mapped
MMCR Offset 80h
Register Description
This register controls miscellaneous functions in the ÉlanSC520 microcontroller address decode block.
Bit Definitions
7
6
5
4
3
2
1
0
Bit
WPV_INT_
ENB
Reserved
IO_HOLE_
DEST
Reserved
RTC_DIS
UART2_DIS UART1_DIS
Reset
00000000
R/W
R/W
RSV
R/W
RSV
R/W
R/W
R/W
Bit
Name
Function
7
WPV_INT_
ENB
Write-Protect Violation Interrupt Enable
This bit enables an interrupt request to be generated when a write-protect violation occurs.
0 = Write-protect violations do not generate an interrupt request to the CPU.
1 = Write-protect violations generate an interrupt request to the CPU.
Before the WPV_INT_ENB bit is set, the WPVMAP register (see page 12-21) must be
configured to route the interrupt to the appropriate interrupt request level and priority.
The initiator of the access that caused the write-protect violation can be the Am5x86 CPU, any
PCI bus master, or the GP bus DMA controller. This interrupt can only be generated if at least
one of the PARx register windows is enabled and has the write-protect attribute selected (see
page 2-6).
6-5
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
4IO_HOLE_
DEST
I/O Hole Access Destination
This bit determines the destination of accesses performed by the Am5x86 CPU to certain I/O
addresses in the range 0000h to 03FFh.
0 = The accesses are forwarded to the external GP bus (default).
1 = The accesses are forwarded to the PCI bus I/O space.
I/O addresses in the range 0000h to 03FFh that are not occupied by the internal GP bus
peripherals are normally reserved for PC/AT-compatible peripherals. Such addresses are
referred to as
holes in the I/O address space. See the memory and I/O chapter of the
Élan™SC520 Microcontroller User’s Manual, order #22004, for details about these holes.
If a PARx register (see page 2-6) is configured to address GP bus I/O space within a hole,
accesses in the defined region are forwarded to the GP bus regardless of the
IO_HOLE_DEST bit value. The PARx window must not overlap any of the internal peripherals’
direct-mapped I/O addresses.
3
Reserved
Reserved
This bit field should be written to 0 for normal system operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com