Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 85 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 81Page - Advanced Micro Devices ELANSC520 Datasheet HTML 82Page - Advanced Micro Devices ELANSC520 Datasheet HTML 83Page - Advanced Micro Devices ELANSC520 Datasheet HTML 84Page - Advanced Micro Devices ELANSC520 Datasheet HTML 85Page - Advanced Micro Devices ELANSC520 Datasheet HTML 86Page - Advanced Micro Devices ELANSC520 Datasheet HTML 87Page - Advanced Micro Devices ELANSC520 Datasheet HTML 88Page - Advanced Micro Devices ELANSC520 Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 440 page
background image
PCI Bus Host Bridge Registers
Élan™SC520 Microcontroller Register Set Manual
6-21
Programming Notes
This register is reset by a system reset or by a PCI bus reset. A PCI bus reset is initiated by setting the PCI_RST
bit in the HBCTL register (see page 6-3).
This register (PCISTACMD) is register number 1 in the host bridge-specific PCI configuration space.
The
PCI Local Bus Specification, Revision 2.2, defines four bit fields in the Status/Command register that are reserved
in the ÉlanSC520 microcontroller. These PCI bus functions do not apply to the host bridge controller:
s Wait cycle control (bit 7): the host bridge controller does not support address/data stepping.
s VGA palette snoop enable (bit 5): the host bridge is not a graphics device.
s Memory write and invalidate enable (bit 4): the host bridge does not generate memory write and invalidate
commands as a PCI bus master.
s Special cycle recognition (bit 3): the host bridge ignores PCI bus special cycles.
6
PERR_RES
Parity Error Response
This bit controls the host bridge’s response to parity errors.
0 = The host bridge master and target controllers ignore parity errors. The host bridge treats
transactions that have a parity error (address or data) as normal transactions. In other
words, it behaves as if nothing is wrong. The D_PERR_DET bit (see page 6-20) is not set
for data parity errors, and a target abort is not issued for address parity errors.
1 = The host bridge master and target controllers report parity errors. The host bridge
responds to data parity errors by setting the D_PERR_DET bit. The host bridge target
controller responds to address parity errors by terminating the transaction with a target
abort.
The PERR_RES bit must not be changed except during PCI bus initialization after a system
reset. See the
Élan™SC520 Microcontroller User’s Manual, order #22004, for information
about PCI bus initialization.
5
–3
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
2BUS_MAS
Master Enable
This enables the host bridge master controller to generate cycles on the PCI bus.
1 = The host bridge master controller is always enabled.
This bit is internally fixed to 1.
1MEM_ENB
Memory Access Enable
This bit enables the host bridge target controller to respond to PCI bus master memory
cycles.
0 = The host bridge target controller is disabled.
1 = The host bridge target controller is enabled to respond to PCI bus master memory cycles.
The MEM_ENB bit must not be changed except during PCI bus initialization after a system
reset. See the
Élan™SC520 Microcontroller User’s Manual, order #22004, for information
about PCI bus initialization.
0IO_ENB
I/O Space Enable
This bit is normally used to enable the host bridge target controller to respond to PCI bus
master I/O cycles, however the ÉlanSC520 microcontroller host bridge ignores all I/O cycles
from PCI bus masters.
0 = The host bridge does not respond to PCI bus I/O cycles.
This bit is internally fixed to 0.
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com