Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 29Page - Advanced Micro Devices ELANSC520 Datasheet HTML 30Page - Advanced Micro Devices ELANSC520 Datasheet HTML 31Page - Advanced Micro Devices ELANSC520 Datasheet HTML 32Page - Advanced Micro Devices ELANSC520 Datasheet HTML 33Page - Advanced Micro Devices ELANSC520 Datasheet HTML 34Page - Advanced Micro Devices ELANSC520 Datasheet HTML 35Page - Advanced Micro Devices ELANSC520 Datasheet HTML 36Page - Advanced Micro Devices ELANSC520 Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 440 page
background image
Élan™SC520 Microcontroller Register Set Manual
2-1
CHAPTER
2 SYSTEM ADDRESS MAPPING
REGISTERS
2.1
OVERVIEW
This chapter describes the system memory and I/O address mapping registers of the
ÉlanSC520 microcontroller.
The system address mapping register set consists of 18 memory-mapped configuration
region (MMCR) registers and one direct-mapped I/O register used to define the memory
and I/O map in an ÉlanSC520 microcontroller-based system, and to control specific
attributes of SDRAM and ROM regions. See the
Élan™SC520 Microcontroller User’s
Manual, order #22004, for details about memory and I/O space.
Table 2-1 and Table 2-2 list each type of memory and I/O space register in offset order, with
the corresponding description’s page number.
2.2
REGISTERS
Table 2-1
System Address Mapping MMCR Registers
Register Name
Mnemonic
MMCR Offset
Page Number
Address Decode Control
ADDDECCTL
80h
page 2-2
Write-Protect Violation Status
WPVSTA
82h
page 2-4
Programmable Address Region 0
PAR0
88h
page 2-5
Programmable Address Region 1
PAR1
8Ch
page 2-5
Programmable Address Region 2
PAR2
90h
page 2-5
Programmable Address Region 3
PAR3
94h
page 2-5
Programmable Address Region 4
PAR4
98h
page 2-5
Programmable Address Region 5
PAR5
9Ch
page 2-5
Programmable Address Region 6
PAR6
A0h
page 2-5
Programmable Address Region 7
PAR7
A4h
page 2-5
Programmable Address Region 8
PAR8
A8h
page 2-5
Programmable Address Region 9
PAR9
ACh
page 2-5
Programmable Address Region 10
PAR10
B0h
page 2-5
Programmable Address Region 11
PAR11
B4h
page 2-5
Programmable Address Region 12
PAR12
B8h
page 2-5
Programmable Address Region 13
PAR13
BCh
page 2-5
Programmable Address Region 14
PAR14
C0h
page 2-5
Programmable Address Region 15
PAR15
C4h
page 2-5
Table 2-2
System Address Mapping Direct-Mapped Register
Register Name
Mnemonic
I/O Address
Page Number
Configuration Base Address
CBAR
FFFCh
page 2-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com