Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 56Page - Advanced Micro Devices ELANSC520 Datasheet HTML 57Page - Advanced Micro Devices ELANSC520 Datasheet HTML 58Page - Advanced Micro Devices ELANSC520 Datasheet HTML 59Page - Advanced Micro Devices ELANSC520 Datasheet HTML 60Page - Advanced Micro Devices ELANSC520 Datasheet HTML 61Page - Advanced Micro Devices ELANSC520 Datasheet HTML 62Page - Advanced Micro Devices ELANSC520 Datasheet HTML 63Page - Advanced Micro Devices ELANSC520 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 440 page
background image
System Arbitration Registers
5-4
Élan™SC520 Microcontroller Register Set Manual
System Arbiter Master Enable (SYSARBMENB)
Memory-Mapped
MMCR Offset 72h
Register Description
This register selects the masters that are enabled for arbitration.
Bit Definitions
15
14
13
12
11
10
9
8
Bit
Reserved
Reset
00000000
R/W
RSV
7
6
5
4
3
2
1
0
Bit
Reserved
REQ4_ENB REQ3_ENB REQ2_ENB REQ1_ENB REQ0_ENB
Reset
00000000
R/W
RSV
R/W
R/W
R/W
R/W
R/W
Bit
Name
Function
15–5
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
4
REQ4_ENB
PCI Bus Arbiter Request #4 Enable
This bit enables the PCI master request connected to the REQ4 pin. If this request is
disabled, the PCI bus arbiter does not assert GNT4 to allow the PCI master connected to
REQ4 and GNT4 to access the PCI bus.
0 = The PCI master request connected to the REQ4 pin is disabled.
1 = The PCI master request connected to the REQ4 pin is enabled.
3
REQ3_ENB
PCI Bus Arbiter Request #3 Enable
This bit enables the PCI master request connected to the REQ3 pin. If this request is
disabled, the PCI bus arbiter does not assert GNT3 to allow the PCI master connected to the
REQ3 and GNT3 pins to access the PCI bus.
0 = The PCI master request connected to the REQ3 pin is disabled.
1 = The PCI master request connected to the REQ3 pin is enabled.
2
REQ2_ENB
PCI Bus Arbiter Request #2 Enable
This bit enables the PCI master request connected to the REQ2 pin. If this request is
disabled, the PCI bus arbiter does not assert GNT2 to allow the PCI master connected to the
REQ2 and GNT2 pins to access the PCI bus.
0 = The PCI master request connected to the REQ2 pin is disabled.
1 = The PCI master request connected to the REQ2 pin is enabled.
1
REQ1_ENB
PCI Bus Arbiter Request #1 Enable
This bit enables the PCI master request connected to the REQ1 pin. If this request is
disabled, the PCI bus arbiter does not assert GNT1 to allow the PCI master connected to the
REQ1 and GNT1 pins to access the PCI bus.
0 = The PCI master request connected to the REQ1 pin is disabled.
1 = The PCI master request connected to the REQ1 pin is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com