Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 72Page - Advanced Micro Devices ELANSC520 Datasheet HTML 73Page - Advanced Micro Devices ELANSC520 Datasheet HTML 74Page - Advanced Micro Devices ELANSC520 Datasheet HTML 75Page - Advanced Micro Devices ELANSC520 Datasheet HTML 76Page - Advanced Micro Devices ELANSC520 Datasheet HTML 77Page - Advanced Micro Devices ELANSC520 Datasheet HTML 78Page - Advanced Micro Devices ELANSC520 Datasheet HTML 79Page - Advanced Micro Devices ELANSC520 Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 440 page
background image
PCI Bus Host Bridge Registers
6-12
Élan™SC520 Microcontroller Register Set Manual
Host Bridge Master Interrupt Status (HBMSTIRQSTA)
Memory-Mapped
MMCR Offset 68h
Register Description
This register contains host bridge master controller interrupt status bits and command interrupt identification.
Bit Definitions
15
14
13
12
11
10
9
8
Bit
Reserved
M_CMD_IRQ_ID[3–0]
Reset
00000000
R/W
RSV
R
7
6
5
4
3
2
1
0
Bit
Reserved
M_RTRTO_
IRQ_STA
M_TABRT_
IRQ_STA
M_MABRT_
IRQ_STA
M_SERR_
IRQ_STA
M_RPER_
IRQ_STA
M_DPER_
IRQ_STA
Reset
00000000
R/W
RSV
R/W!
R/W!
R/W!
R/W!
R/W!
R/W!
Bit
Name
Function
15
–12
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
11
–8
M_CMD_
IRQ_ID[3–0]
Master Command Interrupt Identification
This bit field reports the command of the transaction during which the master controller
detected an error condition. This bit field is valid only when an interrupt status bit is set. It is
cleared when the interrupt status is cleared.
0000 = The command was not latched. For example, the command is not latched if multiple
interrupts are pending and one interrupt status was cleared.
0001 = Special Cycle (not used by the ÉlanSC520 microcontroller).
0010 = I/O Read.
0011 = I/O Write.
0100–0101 = Reserved.
0110 = Memory Read.
0111 = Memory Write.
1000–1001 = Reserved.
1010 = Configuration Read.
1011 = Configuration Write.
1100 = Memory Read Multiple (not used by the ÉlanSC520 microcontroller).
1101 = Dual-Address Cycle (not used by the ÉlanSC520 microcontroller).
1110 = Memory Read Line (not used by the ÉlanSC520 microcontroller).
1111 = Memory Write and Invalidate (not used by the ÉlanSC520 microcontroller).
If multiple errors are detected, only the command of the first error is latched. When multiple
error interrupts are pending, there is no indication of which interrupt the command
corresponds to.
The MSTINTADD register (see page 6-14) contains the address of the transaction during
which the master controller detected an error condition.
7
–6
Reserved
Reserved
This bit field should be written to 0 for normal system operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com