Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 42Page - Advanced Micro Devices ELANSC520 Datasheet HTML 43Page - Advanced Micro Devices ELANSC520 Datasheet HTML 44Page - Advanced Micro Devices ELANSC520 Datasheet HTML 45Page - Advanced Micro Devices ELANSC520 Datasheet HTML 46Page - Advanced Micro Devices ELANSC520 Datasheet HTML 47Page - Advanced Micro Devices ELANSC520 Datasheet HTML 48Page - Advanced Micro Devices ELANSC520 Datasheet HTML 49Page - Advanced Micro Devices ELANSC520 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 440 page
background image
Reset Generation Registers
3-4
Élan™SC520 Microcontroller Register Set Manual
Programming Notes
After a PWRGOOD reset, the programmable system reset feature is disabled and can be enabled only by software
writing a 1 to the PRG_RST_ENB bit. If the PRGRESET pin is asserted after it has been enabled as a programmable
reset, it causes a programmable reset, which does not reset the SDRAM controller configuration or contents. This
allows the contents of SDRAM to be preserved.
The PWRGOOD pin always has higher priority than the PRGRESET pin. For example, if the PRGRESET pin is
asserted and PWRGOOD deasserted, PWRGOOD is serviced, and the PWRGOOD reset event disables the
PRGRESET function.
Unlike most other registers, the bits in this register (RESCFG) are only returned to their reset value by a PWRGOOD
reset. They are not cleared by any other kind of reset.
The AMDebug technology trace information is preserved only if a soft reset is generated to the CPU.
See the
Élan™SC520 Microcontroller User’s Manual, order #22004, for details about reset generation. Table 3-3
on page 3-6 provides a summary of ÉlanSC520 microcontroller reset sources and effects.
0
SYS_RST
Software System Reset
Software can write to this bit to trigger a one-shot system reset. The last value written is what
is read.
0 = Do not cause a one-shot system reset event to be generated.
1 = Cause a one-shot system reset event to be generated.
Setting the SYS_RST bit also causes GP bus and PCI-Bus resets to be generated.
If the PRG_RST_ENB bit is 1, setting the SYS_RST bit results in a system reset in which the
SDRAM configuration is maintained.
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com