Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 61Page - Advanced Micro Devices ELANSC520 Datasheet HTML 62Page - Advanced Micro Devices ELANSC520 Datasheet HTML 63Page - Advanced Micro Devices ELANSC520 Datasheet HTML 64Page - Advanced Micro Devices ELANSC520 Datasheet HTML 65Page - Advanced Micro Devices ELANSC520 Datasheet HTML 66Page - Advanced Micro Devices ELANSC520 Datasheet HTML 67Page - Advanced Micro Devices ELANSC520 Datasheet HTML 68Page - Advanced Micro Devices ELANSC520 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 440 page
background image
Élan™SC520 Microcontroller Register Set Manual
6-1
CHAPTER
6 PCI BUS HOST BRIDGE REGISTERS
6.1
OVERVIEW
This chapter describes the PCI bus host bridge controller registers of the ÉlanSC520
microcontroller.
The ÉlanSC520 microcontroller includes an integrated PCI bus host bridge controller. The
host bridge allows the Am5x86 CPU to generate PCI bus master cycles and allows PCI bus
masters to access the ÉlanSC520 microcontroller’s SDRAM.
The host bridge register set includes three groups of registers:
s Six memory-mapped configuration region (MMCR) registers are used to configure and
control most functions specific to the ÉlanSC520 microcontroller host bridge.
s Two direct-mapped I/O addresses are used to access the PCI bus configuration space
for both the host bridge and for any other devices present on the PCI bus.
s Five host bridge-specific PCI bus indexed registers in the PCI bus configuration space
provide the mandatory header registers that are required for any PCI bus device, plus
the Master Retry Time-Out register.
In addition to the host bridge, the PCI bus can contain several other devices, each with its
own PCI configuration space that is also accessed via the two PCI direct-mapped registers.
Access from other PCI bus masters to the host bridge registers is not supported. The host
bridge implements only those configuration registers that are related to the host bridge
functions.
See the
Élan™SC520 Microcontroller User’s Manual, order #22004, for details about the
host bridge controller.
Table 6-1, Table 6-2 on page 6-2, and Table 6-3 on page 6-2 list each type of host bridge
controller register in offset order with the corresponding description’s page number.
6.2
REGISTERS
Table 6-1
PCI Bus Host Bridge MMCR Registers
Register Name
Mnemonic
MMCR Offset
Page Number
Host Bridge Control
HBCTL
60h
page 6-3
Host Bridge Target Interrupt Control
HBTGTIRQCTL
62h
page 6-5
Host Bridge Target Interrupt Status
HBTGTIRQSTA
64h
page 6-7
Host Bridge Master Interrupt Control
HBMSTIRQCTL
66h
page 6-9
Host Bridge Master Interrupt Status
HBMSTIRQSTA
68h
page 6-12
Host Bridge Master Interrupt Address
MSTINTADD
6Ch
page 6-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com