Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 82Page - Advanced Micro Devices ELANSC520 Datasheet HTML 83Page - Advanced Micro Devices ELANSC520 Datasheet HTML 84Page - Advanced Micro Devices ELANSC520 Datasheet HTML 85Page - Advanced Micro Devices ELANSC520 Datasheet HTML 86Page - Advanced Micro Devices ELANSC520 Datasheet HTML 87Page - Advanced Micro Devices ELANSC520 Datasheet HTML 88Page - Advanced Micro Devices ELANSC520 Datasheet HTML 89Page - Advanced Micro Devices ELANSC520 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 440 page
background image
PCI Bus Host Bridge Registers
6-22
Élan™SC520 Microcontroller Register Set Manual
Class Code/Revision ID (PCICCREVID)
I/O Address 0CF8h/0CFCh
PCI Index 08h
Register Description
This register contains the PCI configuration header space class code, program interface and revision identification.
Bit Definitions
Programming Notes
This register (PCICCREVID) is register number 2 in the host bridge-specific PCI configuration space.
31
30
29
28
27
26
25
24
Bit
CL_CD[7
–0]
Reset
00000110
R/W
R
23
22
21
20
19
18
17
16
Bit
SBCL_CD[7
–0]
Reset
00000000
R/W
R
15
14
13
12
11
10
9
8
Bit
PRG_IF[7
–0]
Reset
00000000
R/W
R
7
6
5
4
3
2
1
0
Bit
REV_ID[7
–0]
Reset
00000000
R/W
R
Bit
Name
Function
31
–24
CL_CD[7
–0]
Base Class Code
This bit field defines the PCI bus base class code of the host bridge.
06h = Bridge Device
23
–16
SBCL_CD
[7
–0]
Sub Class Code
This bit field defines the PCI bus sub-class code for the host bridge.
00h = Host-PCI bridge
15
–8PRG_IF[7–0]
Program Interface
This bit field defines the PCI bus program interface type of the host bridge.
00h = Host-PCI bridge
7
–0
REV_ID[7
–0]
Revision I.D.
This bit field defines the host bridge revision number.
00h = Revision number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com