Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 91 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 91 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 87Page - Advanced Micro Devices ELANSC520 Datasheet HTML 88Page - Advanced Micro Devices ELANSC520 Datasheet HTML 89Page - Advanced Micro Devices ELANSC520 Datasheet HTML 90Page - Advanced Micro Devices ELANSC520 Datasheet HTML 91Page - Advanced Micro Devices ELANSC520 Datasheet HTML 92Page - Advanced Micro Devices ELANSC520 Datasheet HTML 93Page - Advanced Micro Devices ELANSC520 Datasheet HTML 94Page - Advanced Micro Devices ELANSC520 Datasheet HTML 95Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 440 page
background image
SDRAM Controller Registers
Élan™SC520 Microcontroller Register Set Manual
7-3
Programming Notes
SDRAM refresh cycles should only be enabled (via the RFSH_ENB bit) when the OPMODE_SEL bit is 000b.
This register (DRCCTL) should be modified only when the write buffer and the read-ahead feature of the read buffer
are disabled in the DBCTL register (see page 8-3).
2
–0
OPMODE_SEL
[2–0]
SDRAM Operation Mode Select
These commands are used in the SDRAM initialization and detection algorithm.
000 = Normal SDRAM mode.
001 = NOP command enabled.
010 = CPU-to-SDRAM cycles are converted to All Banks Precharge commands.
011 = CPU-to-SDRAM cycles are converted to a Load Mode Register command. The data to
be loaded is driven on MA12–MA0.
100 = Auto refresh enabled.
101–111 = Reserved.
When specifying NOP, All Banks Precharge, Load Mode Register, or Auto Refresh
commands, the command is not actually applied to the SDRAM devices until a CPU access to
SDRAM occurs (either a read or write cycle). The specified command is issued to the SDRAM
devices during the CPU access rather than the typical SDRAM read or write access.
Before using a write cycle to apply any of these SDRAM commands, make sure the WB_ENB
bit is clear in the DBCTL register (see page 8-3).
Because the command is not issued to the SDRAM until the CPU accesses SDRAM, code
executing out of ROM must specifically access SDRAM after selecting a command in the
OPMODE_SEL bit field to properly configure the SDRAM device.
The Load Mode Register command must be issued to the SDRAM for the setting of the
CAS_LAT bit of the DRCTMCTL register to take effect (see page 7-4). In addition to setting
the CAS latency as programmed in the CAS_LAT bit, the following fixed parameters are also
written to the SDRAM device’s mode register when a Load Mode Register command is
issued.
s
Burst length: always read burst 4.
s
Burst type: follow non-linear burst.
s
Operating mode: standard operation.
s
Write burst mode: single mode.
After a command is issued, the OPMODE_SEL bit field must be cleared to 000b (normal
SDRAM mode) before any further SDRAM access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com