Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 68Page - Advanced Micro Devices ELANSC520 Datasheet HTML 69Page - Advanced Micro Devices ELANSC520 Datasheet HTML 70Page - Advanced Micro Devices ELANSC520 Datasheet HTML 71Page - Advanced Micro Devices ELANSC520 Datasheet HTML 72Page - Advanced Micro Devices ELANSC520 Datasheet HTML 73Page - Advanced Micro Devices ELANSC520 Datasheet HTML 74Page - Advanced Micro Devices ELANSC520 Datasheet HTML 75Page - Advanced Micro Devices ELANSC520 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 440 page
background image
PCI Bus Host Bridge Registers
6-8
Élan™SC520 Microcontroller Register Set Manual
Programming Notes
This register is reset by a system reset. The bits in this register are not affected by a PCI bus reset. A PCI bus reset
is initiated by setting the PCI_RST bit in the HBCTL register (see page 6-3).
1
T_APER_
IRQ_STA
Target Address Parity Interrupt Status
This bit is set when the target controller detects an address parity error.
0 = Address parity error has not occurred.
1 = Address parity error has occurred.
This bit is cleared by writing a 1.
This bit operates regardless of the corresponding interrupt enable bit (T_APER_IRQ_ENB in
the HBTGTIRQCTL register, see page 6-5), or the Parity Error Response bit (PERR_RES in
the PCISTACMD register, see page 6-21).
0
T_DPER_
IRQ_STA
Target Data Parity Interrupt Status
This bit is set when the target controller detects a data parity error.
0 = Data parity error has not occurred.
1 = Data parity error has occurred.
This bit is cleared by writing a 1.
This bit operates regardless of the corresponding interrupt enable bit (T_DPER_IRQ_ENB in
the HBTGTIRQCTL register, see page 6-6), or the Parity Error Response bit (PERR_RES in
the PCISTACMD register, see page 6-21).
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com