Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 97Page - Advanced Micro Devices ELANSC520 Datasheet HTML 98Page - Advanced Micro Devices ELANSC520 Datasheet HTML 99Page - Advanced Micro Devices ELANSC520 Datasheet HTML 100Page - Advanced Micro Devices ELANSC520 Datasheet HTML 101Page - Advanced Micro Devices ELANSC520 Datasheet HTML 102Page - Advanced Micro Devices ELANSC520 Datasheet HTML 103Page - Advanced Micro Devices ELANSC520 Datasheet HTML 104Page - Advanced Micro Devices ELANSC520 Datasheet HTML 105Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 440 page
background image
SDRAM Controller Registers
Élan™SC520 Microcontroller Register Set Manual
7-13
If there is an ECC mismatch, either a single-bit or multiple-bit error has been detected. Single-bit errors are corrected
as data is returned to the requesting master (and an interrupt is generated if enabled). Multi-bit errors are not
corrected, but an NMI is generated if enabled.
This register (ECCCKTEST) provides a way for the user to alter the ECC check code that is written to the ECC
SDRAM. If the ECC check code is altered so that it reflects a single-bit or multiple-bit error, it is detected by the
ÉlanSC520 microcontroller when that location is read (if ECC is enabled). This feature can be used for test purposes
and also for ECC error-handler development.
Because the write buffer decouples master write requests from the actual SDRAM access, it is advisable to disable
the write buffer when using the feature provided by this register. Otherwise, the ECC check code specified in this
register might be applied to a write-buffer write access to SDRAM and not the particular access intended. In addition,
care should be taken to ensure that the Am5x86 CPU cache allows the write cycle to propagate to the SDRAM.
So that test software need not reproduce the ECC algorithm, Table 7-2 provides a few example ECC check codes
that are correct for the associated data.
Table 7-2
Example ECC Check Codes and Associated Data
32-Bit Data Write (Hexadecimal)
Correct ECC Check Code (Binary)
00000000
0000000
FFFFFFFF
0000000
000000BC
1111111
A5A5A5A5
1100011
C0C0C0C0
0101110
00AB0000
1001100
00BC0000
0100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com