Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 102 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 102 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 98Page - Advanced Micro Devices ELANSC520 Datasheet HTML 99Page - Advanced Micro Devices ELANSC520 Datasheet HTML 100Page - Advanced Micro Devices ELANSC520 Datasheet HTML 101Page - Advanced Micro Devices ELANSC520 Datasheet HTML 102Page - Advanced Micro Devices ELANSC520 Datasheet HTML 103Page - Advanced Micro Devices ELANSC520 Datasheet HTML 104Page - Advanced Micro Devices ELANSC520 Datasheet HTML 105Page - Advanced Micro Devices ELANSC520 Datasheet HTML 106Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 440 page
background image
SDRAM Controller Registers
7-14
Élan™SC520 Microcontroller Register Set Manual
ECC Single-Bit Error Address (ECCSBADD)
Memory-Mapped
MMCR Offset 24h
Register Description
This register contains the physical address of the location in SDRAM that caused a single-bit ECC error.
Note: A programmable reset does not preserve this register’s state.
Bit Definitions
Programming Notes
31
30
29
28
27
26
25
24
Bit
Reserved
SB_ADDR[27
–24]
Reset
00000000
R/W
RSV
R
23
22
21
20
19
18
17
16
Bit
SB_ADDR[23
–16]
Reset
00000000
R/W
R
15
14
13
12
11
10
9
8
Bit
SB_ADDR[15
–8]
Reset
00000000
R/W
R
7
6
5
4
3
2
1
0
Bit
SB_ADDR[7
–2]
Reserved
Reset
00000000
R/W
RRSV
Bit
Name
Function
31
–28
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
27
–2
SB_ADDR
[27
–2]
ECC Single-bit Error Address
This bit field contains the physical address (bits 27
–2) of the location where a single-bit error
occurred.
The address is captured upon the detection of a single-bit error, and the bit field is inhibited
from capturing subsequent error addresses until the SBIT_ERR bit in the ECCSTA register is
cleared by writing a 1 (see page 7-10).
Note: This register does not include byte enables (BE) from the requesting master, therefore
only doubleword resolution is provided by the indication. Use the ECCCKBPOS register to
determine which bit was in error (see page 7-11).
1
–0
Reserved
Reserved
This bit field should be written to 0 for normal system operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com