Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 106 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 106 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 102Page - Advanced Micro Devices ELANSC520 Datasheet HTML 103Page - Advanced Micro Devices ELANSC520 Datasheet HTML 104Page - Advanced Micro Devices ELANSC520 Datasheet HTML 105Page - Advanced Micro Devices ELANSC520 Datasheet HTML 106Page - Advanced Micro Devices ELANSC520 Datasheet HTML 107Page - Advanced Micro Devices ELANSC520 Datasheet HTML 108Page - Advanced Micro Devices ELANSC520 Datasheet HTML 109Page - Advanced Micro Devices ELANSC520 Datasheet HTML 110Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 440 page
background image
Write Buffer and Read Buffer Register
8-2
Élan™SC520 Microcontroller Register Set Manual
SDRAM Buffer Control (DBCTL)
Memory-Mapped
MMCR Offset 40h
Register Description
This register controls all the read buffer read-ahead and write buffer functions.
Note: A programmable reset does not preserve this register’s state.
Bit Definitions
7
6
5
4
3
2
1
0
Bit
Reserved
RAB_ENB
WB_WM[1–0]
WB_FLUSH
WB_ENB
Reset
00000000
R/W
RSV
R/W
R/W
R/W!
R/W
Bit
Name
Function
7
–5
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
4
RAB_ENB
Read-Ahead Feature Enable
This bit is used to enable the read-ahead feature of the read buffer.
0 = The read-ahead feature is disabled.
1 = The read-ahead feature is enabled. If the master request is a burst cycle (two or more
doublewords), when the current cache line is fetched from SDRAM and stored in the read
buffer, the following cache line is also prefetched to take advantage of space locality.
If the master request is not a burst cycle, only the rest of the current cache line is fetched
from SDRAM into the read buffer.
When enabled, the read-ahead feature applies for all bursted read requests from either the
Am5x86 CPU or the PCI bus. (The GP bus DMA controller does not perform bursted reads.)
During SDRAM sizing or test, disabling the read-ahead feature might improve performance of
the sizing or test algorithm. Because most such algorithms test various non-contiguous points
in SDRAM, excessive read-ahead thrashing can result. Although this does
not result in false
indications, it can result in a slight performance degradation of the test algorithm.
After the SDRAM sizing or test process is complete, the user is free to enable the read-ahead
feature of the read buffer when desired.
3-2
WB_WM[1–0]
Write Buffer Watermark
This bit field specifies the write buffer’s watermark setting (i.e., the amount of allocated buffer
space above which the write buffer initiates a write to SDRAM).
00 = 28 doublewords (default)
01 = 24 doublewords
10 = 16 doublewords
11 = 8 doublewords
As data is written into the write buffer, a new rank of storage is allocated unless the written
data can be merged or collapsed into previous ranks. When a write cycle results in a rank
allocation that exceeds the watermark setting, the write buffer requests service from the
SDRAM controller to initiate write transfers to SDRAM.
A higher watermark setting allows the write buffer to fill higher (acquire more master write
data) before requesting SDRAM service, resulting in a greater chance of write data merging
or collapsing. This is desirable if a large amount of incomplete doubleword writes (i.e., byte,
word or three-byte writes) is expected from either the Am5x86 CPU, PCI bus, or GP bus DMA.
A lower watermark setting can be used if more complete doublewords are expected, and so
merging or collapsing of data is less likely. A lower watermark causes the write buffer to
request SDRAM service at a lower threshold, reducing the chance of filling the write buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com