Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 167 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 167 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 163Page - Advanced Micro Devices ELANSC520 Datasheet HTML 164Page - Advanced Micro Devices ELANSC520 Datasheet HTML 165Page - Advanced Micro Devices ELANSC520 Datasheet HTML 166Page - Advanced Micro Devices ELANSC520 Datasheet HTML 167Page - Advanced Micro Devices ELANSC520 Datasheet HTML 168Page - Advanced Micro Devices ELANSC520 Datasheet HTML 169Page - Advanced Micro Devices ELANSC520 Datasheet HTML 170Page - Advanced Micro Devices ELANSC520 Datasheet HTML 171Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 440 page
background image
GP DMA Controller Registers
Élan™SC520 Microcontroller Register Set Manual
11-35
GP-DMA Channel 3 Next Transfer Count High (GPDMANXTTCH3)
Memory-Mapped
MMCR Offset DB2h
Register Description
This register provides bits 23–16 of the next transfer count for Channel 3 in buffer chaining mode.
Bit Definitions
Programming Notes
The value of this register is ignored if buffer chaining mode is not enabled for this channel in the GPDMABCCTL
register (see page 11-21).
In PCI bus 2.2-compliant designs, software must limit the length of GP bus DMA demand- or block-mode transfers.
Very large transfers could cause the PCI Host Bridge target controller to violate the 10-µs memory write maximum
completion time limit set in the
PCI Local Bus Specification, Revision 2.2.
7
6
5
4
3
2
1
0
Bit
DMA3_NXT_TC[23
–16]
Reset
00000000
R/W
R/W
Bit
Name
Function
7–0
DMA3_NXT_
TC[23
–16]
DMA Channel 3 Next Transfer Count High
This bit field provides bits 23–16 of the next transfer count to be used by Channel 3 in the
buffer chaining mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com