Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 151 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 151 Page - Analog Devices

Back Button AD9174 Datasheet HTML 147Page - Analog Devices AD9174 Datasheet HTML 148Page - Analog Devices AD9174 Datasheet HTML 149Page - Analog Devices AD9174 Datasheet HTML 150Page - Analog Devices AD9174 Datasheet HTML 151Page - Analog Devices AD9174 Datasheet HTML 152Page - Analog Devices AD9174 Datasheet HTML 153Page - Analog Devices AD9174 Datasheet HTML 154Page - Analog Devices AD9174 Datasheet HTML 155Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 151 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
2
EN_CKS
Good checksum. This bit compares two
checksums: the checksum that the trans-
mitter sent over the link during the ILAS
and the checksum that the receiver
calculated from the ILAS data that the
transmitter sent over the link. The checksum
IRQ only looks at data sent by the trans-
mitter and not the checksum programmed
into Register 0x45D. This control is paged
by the LINK_PAGE control in Register 0x300.
0x0
R/W
1
EN_FS
Frame synchronization. This control is
paged by the LINK_PAGE control in
Register 0x300.
0x0
R/W
0
EN_CGS
Code group synchronization. This control
is paged by the LINK_PAGE control in
Register 0x300.
0x0
R/W
0x4B9
JESD_IRQ_ENABLEB
[7:1]
RESERVED
Reserved.
0x0
R
0
EN_ILAS
Configuration mismatch (checked for Lane 0
only). The ILAS IRQ compares the two sets
of ILAS data obtained by the receiver. The
first set of data is the ILAS data sent over
the JESD204B link by the transmitter. The
second set of data is the ILAS data
programmed into the receiver via the SPI
(Register 0x450 to Register 0x45D). If any
of the data differs, the IRQ is triggered. All
of the ILAS data, including the checksum,
is compared. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R/W
0x4BA
JESD_IRQ_STATUSA
7
IRQ_BDE
Bad disparity error counter. This control is
paged by the LINK_PAGE control in
Register 0x300.
0x0
R/W
6
IRQ_NIT
Not in table error counter. This control is
paged by the LINK_PAGE control in
Register 0x300.
0x0
R/W
5
IRQ_UEK
Unexpected K error counter. This control is
paged by the LINK_PAGE control in
Register 0x300.
0x0
R/W
4
IRQ_ILD
Interlane deskew. This control is paged by
the LINK_PAGE control in Register 0x300.
0x0
R/W
3
IRQ_ILS
Initial lane synchronization. This control is
paged by the LINK_PAGE control in
Register 0x300.
0x0
R/W
2
IRQ_CKS
Good checksum. This control is paged by
the LINK_PAGE control in Register 0x300.
0x0
R/W
1
IRQ_FS
Frame synchronization. This control is
paged by the LINK_PAGE control in
Register 0x300.
0x0
R/W
0
IRQ_CGS
Code group synchronization. This control
is paged by the LINK_PAGE control in
Register 0x300.
0x0
R/W
0x4BB
JESD_IRQ_STATUSB
[7:1]
RESERVED
Reserved.
0x0
R
0
IRQ_ILAS
Configuration mismatch (checked for Lane 0
only). This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com