Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 108 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 108 Page - Analog Devices

Back Button AD9546 Datasheet HTML 104Page - Analog Devices AD9546 Datasheet HTML 105Page - Analog Devices AD9546 Datasheet HTML 106Page - Analog Devices AD9546 Datasheet HTML 107Page - Analog Devices AD9546 Datasheet HTML 108Page - Analog Devices AD9546 Datasheet HTML 109Page - Analog Devices AD9546 Datasheet HTML 110Page - Analog Devices AD9546 Datasheet HTML 111Page - Analog Devices AD9546 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 108 of 205
TIME
NOMINAL
(50%)
NOMINAL
(50%)
–Δt
+Δt
MODULATION EVENT
DC = 50%
50%
FIRST
MODULATION
CYCLE
SECOND
MODULATION
CYCLE
Figure 76. Balanced Modulation Waveform
NOMINAL
(50%)
NOMINAL
(50%)
TIME
–Δt
DC < 50%
50%
SECOND PULSE
UNALTERED
MODULATION EVENT
FIRST
MODULATION
CYCLE
SECOND
MODULATION
CYCLE
Figure 77. Unbalanced Modulation Waveform
DC > 50%
BALANCED
MODULATION
UNBALANCED
MODULATION
MODULATION EVENT
DC = 50%
50%
FIRST
MODULATION
CYCLE
SECOND
MODULATION
CYCLE
TIME
NOMINAL
(50%)
NOMINAL
(50%)
50%
+Δt
SECOND PULSE
UNALTERED
+Δt
–Δt
Figure 78. Alternate Modulation Polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com