Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 109 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 109 Page - Analog Devices

Back Button AD9546 Datasheet HTML 105Page - Analog Devices AD9546 Datasheet HTML 106Page - Analog Devices AD9546 Datasheet HTML 107Page - Analog Devices AD9546 Datasheet HTML 108Page - Analog Devices AD9546 Datasheet HTML 109Page - Analog Devices AD9546 Datasheet HTML 110Page - Analog Devices AD9546 Datasheet HTML 111Page - Analog Devices AD9546 Datasheet HTML 112Page - Analog Devices AD9546 Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 109 of 205
MODULATION SYNCHRONIZATION
The periodic modulation events produced by the modulators
are useful as timing markers for synchronization purposes.
Both the balanced and unbalanced modulation schemes use
two Q divider output cycles to define a modulation event (see
Figure 76 and Figure 77). In the case of unbalanced
modulation, the second cycle is unaltered but is still part of the
modulation event. As such, the first rising edge of the Q divider
output following the second modulated cycle marks the base
edge for synchronization purposes (see Figure 79).
The synchronization information available from the
modulators requires the use of a secondary signal path. This
path is the reason the modulators have SIGx and SNCx output
signals. The SIGx signals are the modulated waveforms that
ultimately propagate to the distribution output pins.
The SNCx signals are internal only and carry synchronization
information attached to the modulation events corresponding
with the associated SIGx signal (for example, SNCA associates
with SIGA). The SNCx signal is a pulse coincident with the base
edge of the corresponding SIGx signal, as shown in Figure 80.
As shown in Figure 68, the SNCx signals route to the DPLL via
the hitless/zero delay feedback and synchronization block of
the N shot/PRBS controller. The SNCx signals provide
synchronization to the N divider of the corresponding DPLL
channel. The device automatically selects the appropriate SNCx
signal for the Q divider chosen for feedback (when modulation is
in effect for that particular Q divider). The SNCx selection
depends on Bits[4:2], the 3-bit tag mode bit field in the registers
associated with tag modes in the translation profiles (see the
Translation Profiles section) per Table 72.
Table 72. Tag Mode Register Address
Translation Profile
Register Address
0.0
0x1203
0.1
0x1223
0.2
0x1243
0.3
0x1263
0.4
0x1283
0.5
0x12A3
1.0
0x1603
1.1
0x1623
1.2
0x1643
1.3
0x1663
1.4
0x1683
1.5
0x16A3
Because the SNCx signal identifies the modulation base edge,
the user can synchronize the DPLL N divider with a specific
synchronization edge per Figure 80. To specify a synchronization
edge (0, 1, 2, or 3) for the N divider, use Bits[1:0] of
Register 0x10CE for PLL0 and Register 0x14CE for PLL1. The
decimal value of the bit pair corresponds to the desired
synchronization edge in Figure 80.
The choice of synchronization edge (0, 1, 2, or 3) puts an
additional constraint on the value of the modulation counter
(see the Modulation Period section) as follows:
Modulation Counter ≥ Sync Edge + 7
TIME
MODULATION EVENT
BASE
EDGE
Figure 79. Modulation Synchronization Edges
TIME
SYNC EDGE
MODULATION
EVENT
MODULATION
EVENT
0
1
2
3
SYNC EDGE
0
1
2
3
SIGx
SNCx
MODULATION PERIOD
BASE
EDGE
BASE
EDGE
Figure 80. Modulation Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com