Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 113 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 113 Page - Analog Devices

Back Button AD9546 Datasheet HTML 109Page - Analog Devices AD9546 Datasheet HTML 110Page - Analog Devices AD9546 Datasheet HTML 111Page - Analog Devices AD9546 Datasheet HTML 112Page - Analog Devices AD9546 Datasheet HTML 113Page - Analog Devices AD9546 Datasheet HTML 114Page - Analog Devices AD9546 Datasheet HTML 115Page - Analog Devices AD9546 Datasheet HTML 116Page - Analog Devices AD9546 Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 113 of 205
FREQUENCY TRANSLATION LOOPS
FREQUENCY TRANSLATION LOOPS OVERVIEW
The frequency translation capability of the AD9546 comprises
two independent dual-PLL channels (Channel 0 and Channel 1).
Each PLL channel comprises a DPLL followed by an APLL.
Both channels have programmable reference dividers at the
input and programmable channel dividers at the output. Figure 82
shows a block diagram of a single channel. REFx and REFy can
each be any of the reference inputs, but not the same reference
input.
The DPLL channels (DPLL0 and DPLL1) are capable of low
loop bandwidths (µHz) well suited for jitter cleanup
applications involving the 1 pulse per second (pps) input
signals that originate from global positioning system (GPS) and
global navigation satellite system (GNSS) receivers. The DPLL
is of the fractional-N variety but is capable of Integer N
operation when the fractional part is set to zero.
The DPLL provides an output frequency of up to approximately
400 MHz. The DPLL also plays a role in the automatic
reference switching capability of the AD9546 and its ability to
provide hitless and phase buildout functionality.
The APLL is of the Integer N variety with an integrated VCO
and provides the high frequency upconversion capability of the
cascaded DPLL/APLL pair. Unlike the two DPLLs, which are
identical, the two APLLs differ slightly. Specifically, they have
nonoverlapping VCO ranges with APLL0 spanning 2.424 GHz
to 3.232 GHz and APLL1 spanning 3.232 GHz to 4.040 GHz.
TRANSLATION PROFILES
DPLL0 and DPLL1 each have six dedicated sections in the
register map allocated for translation profiles (Translation
Profile 0.0 through Translation Profile 0.5 for DPLL0 and
Translation Profile 1.0 through Translation Profile 1.5 for
DPLL1). Each translation profile consists of the following
programmable parameters:
•
Profile enable
•
Profile priority
•
Translation mode selection
•
Input reference source selection
•
N divider value (integer, fraction, and modulus)
•
DPLL loop filter bandwidth
•
Reference and feedback TDC tagging options
•
DPLL fast acquisition options
Table 74 shows the translation profile address ranges.
Table 74. Translation Profile Register Address Ranges
Translation Profile
Start Address
End Address
0.0
0x1200
0x1217
0.1
0x1220
0x1237
0.2
0x1240
0x1257
0.3
0x1260
0x1277
0.4
0x1280
0x1297
0.5
0x12A0
0x12B7
1.0
0x1600
0x1617
1.1
0x1620
0x1637
1.2
0x1640
0x1657
1.3
0x1660
0x1677
1.4
0x1680
0x1697
1.5
0x16A0
0x16B7
When a given profile is in effect, the DPLL uses the parameters
as specified in that profile. That is, the DPLL has no memory of
the given profile when switching to another profile.
INTERNAL ZERO DELAY
EXTERNAL ZERO DELAY (MAY INCLUDE ADDITIONAL FREQUENCY TRANSLATION)
fS
TIME STAMP PROCESSOR,
DIGITAL LOOP FILTER,
TUNING WORD PROCESSOR
AND NCO
FEEDBACK
TDC
PFD
AND
LOOP
FILTER
M DIVIDER
N DIVIDER
TDC
OUTPUT
DISTRIBUTION
PHASE
BUILD
OUT
DPLL
AD9546
N + FRAC/MOD
MUX
SYSTEM
CLOCK
LFx
XOA
XOB
Q
APLL
0
1
OUTxyN/
OUTxyP
REFx
R
OTHER DPLL
FEEDBACK TDC
DIGITAL
CROSS
POINT
MUX
REFERENCE TDCS
AUXILIARY NCOS
INVERSE USER TIME
STAMPERS (IUTS)
REFy
R
AUXILIARY
REFERENCE TDCS
VCO
÷2
NOTE
1. REFx AND REFy CAN EACH BE ANY OF THE REFERENCE INPUTS, BUT NOT THE SAME REFERENCE INPUT.
Figure 82. Frequency Translation Loop Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com