Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 114 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 114 Page - Analog Devices

Back Button AD9546 Datasheet HTML 110Page - Analog Devices AD9546 Datasheet HTML 111Page - Analog Devices AD9546 Datasheet HTML 112Page - Analog Devices AD9546 Datasheet HTML 113Page - Analog Devices AD9546 Datasheet HTML 114Page - Analog Devices AD9546 Datasheet HTML 115Page - Analog Devices AD9546 Datasheet HTML 116Page - Analog Devices AD9546 Datasheet HTML 117Page - Analog Devices AD9546 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 114 of 205
The translation profiles control only the frequency translation
of the DPLL. The overall frequency translation of the channel
depends on the following:
•
N divider value (depending on the translation mode)
•
M divider value (via the APLL0 and APLL1 controls)
•
R divider value (via the REFx and auxiliary REFx controls)
•
Q divider value (via the distribution controls)
Each For detailed information on the use and programming of
the N, M, R, and Q divider values, see the DPLL Feedback
Divider (N Divider), APLL Feedback Divider (M Divider),
Reference Dividers (R Dividers), and Distribution Dividers (Q
Dividers) sections.
PROFILE ENABLE
For a DPLL channel to have access to a translation profile, the user
must enable the profile. To enable a translation profile, program
Bit 0 to Logic 1 (default is Logic 0) in the register at the start
address of the translation profile (per Table 74). Only enabled
translation profiles are selectable by the DPLL. When the DPLL
selects a translation profile, the selected translation profile
becomes an active translation profile (see the Reference
Switching section for what constitutes an active translation
profile). Certain functional blocks within the AD9546 make use
of the active and inactive state of a translation profile.
PROFILE PRIORITY
Profile priority works in conjunction with the reference switching
capability of the AD9546 (see the Reference Switching section).
The user programs a priority value via Bits[5:1] in the register at
the start address of the translation profile per Table 74. When a
DPLL must switch from one input reference to another, the
DPLL can do so according to the 5-bit priority value
programmed by the user. A priority of 0 constitutes the highest
priority, and a priority of 31 constitutes the lowest priority.
INPUT REFERENCE SOURCE SELECTION
The AD9546 provides the user with several options for the
reference source that supplies the input clock signal to the
DPLL. These options include any one of the four REFx inputs,
any of the four auxiliary REFx inputs, either of the two auxiliary
NCOs, either of the two inverse user time stampers, and a
special configuration that uses the feedback signal from the
other DPLL channel. Each translation profile can specify a
different reference source.
Source selection is via Bits[4:0] in the register at the start
address of the translation profile (see Table 74) plus an offset of
1 (decimal). The decimal value associated with Bits[4:0] assigns
the source, as shown in Table 75.
Table 75. Reference Source Selection
Bits[4:0]
Source
0
REFA
1
REFAA
2
REFB
3
REFBB
4
Feedback from DPLL0 (for PLL1 only)
5
Feedback from DPLL1 (for PLL0 only)
6
Auxiliary REF0
7
Auxiliary REF1
8
Auxiliary NCO 0
9
Auxiliary NCO 1
10
Not applicable
11
Auxiliary REF2
12
Auxiliary REF3
13
Inverse User Time Stamper 0
14
Inverse User Time Stamper 1
15 to 31
Not applicable
ACTIVE REFERENCE INDICATION
When a DPLL selects a translation profile, the translation
profile becomes active (see the Profile Enable section), which
causes the user assigned reference input (see the Input
Reference Source Selection section) associated with that profile
to become the time stamp source to the DPLL.
Note that when a reference becomes the time stamp source to a
DPLL, the reference becomes an active reference. The user has
access to the active or inactive state of a reference via an
appropriately configured Mx status pin.
In summary, indication of active reference status is the result of
a DPLL activating a translation profile (which contains a user
assigned reference source). As such, do not confuse the active
reference status with the valid reference status, which is a status
condition associated with the reference source itself (not a
translation profile).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com