Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 118 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 118 Page - Analog Devices

Back Button AD9546 Datasheet HTML 114Page - Analog Devices AD9546 Datasheet HTML 115Page - Analog Devices AD9546 Datasheet HTML 116Page - Analog Devices AD9546 Datasheet HTML 117Page - Analog Devices AD9546 Datasheet HTML 118Page - Analog Devices AD9546 Datasheet HTML 119Page - Analog Devices AD9546 Datasheet HTML 120Page - Analog Devices AD9546 Datasheet HTML 121Page - Analog Devices AD9546 Datasheet HTML 122Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 118 of 205
The DPLL provides the user with two status bits to indicate
when the DPLL enters or exits hitless operation. When the
DPLL enters hitless operation, Bit 4 latches to Logic 1 in
Register 0x3011 for DPLL0 or Register 0x3016 for DPLL1.
Likewise, when the DPLL exits hitless operation, Bit 3 latches to
Logic 1 in Register 0x3011 for DPLL0 or Register 0x3016 for
DPLL1. Because these are latched status bits, to obtain visibility
of subsequent DPLL state transitions into and out of hitless
operation, the user must clear the corresponding bits in the
IRQ map (Bit 4 and Bit 3, respectively, in Register 0x200C for
DPLL0 and Register 0x2011 for DPLL1).
EXTERNAL ZERO DELAY (HITLESS) MODE
Figure 85 shows the external zero delay configuration appears
in. External zero delay mode, like internal zero delay mode, is a
hitless operating mode (see the Internal Zero Delay (Hitless)
Mode section). As such, the same status bits associated with
entering and exiting hitless operation still apply.
In external zero delay mode, the feedback path of the PLL is via an
external connection from an appropriate OUTxy output to a REFx
or an auxiliary REFx input. The user chooses the desired input
path via the same 5-bit integer used to select the feedback Q
divider in the internal zero delay configuration, but with the
decimal value applying to the External Zero Delay column in
Table 77. Typically, this feedback path is merely a direct connec-
tion, but the external path may also include an additional
frequency translation component. To discriminate between the
normal and feedback reference inputs in Figure 85, they appear
as REFx and REFy, respectively. Although Figure 85 shows REFx
and REFy, auxiliary REFx, and auxiliary REFy are equally valid.
The frequency translation factor from REFx (auxiliary REFx) to
OUTxyP/OUTxyN for external zero delay mode is
OUTx
REFx
f
Ry
f
Rx Z
=
×
where:
Ry is the divide ratio of the R divider associated with REFy.
REFy refers to any reference input (other than the REFx input).
Rx is the divide ratio of the R divider associated with REFx.
REFx refers to any reference input (other than the REFy input).
Z is the external frequency translation factor such that
Z =
REFy
OUTx
f
f
To provide true hitless operation, external zero delay mode
requires a constraint on the relationship between fREFx and fREFy.
Namely, fREFy/fREFx must be an integer greater than or equal to 1.
The NCO, VCO, TDCs, and the APLL PFD inputs each have
specific frequency limits. The following formulas relate fNCO,
fVCO, fTDC, and fPFD to Z, fREFx, fOUTx, and divider values. Note that
each formula has two solutions: one with respect to the input
frequency (fREFx) and the other with respect to the output
frequency (fOUTx). The user must ensure that fNCO, fVCO, fTDC, and
fPFD are within their specified frequency limits.
fTDC = fREFx/Rx
= (Z/Ry) × fOUTx
(11)
fNCO = fPFD = ((2 × Q × Ry)/(Rx × M × Z)) × fREFx
= (2 × Q/M) × fOUTx
(12)
fVCO = ((2 × Q × Ry)/(Rx × Z)) × fREFx
= 2 × Q × fOUTx
(13)
When the reference source is auxiliary NCO 0, auxiliary
NCO 1, or the feedback from the other DPLL, then in Equation
11 through Equation 13, use Rx = 1.
Although the feedback divider (N divider) does not appear in
Figure 85, the N divider requires special treatment for external
zero delay operation. See the DPLL Feedback Divider (N
Divider) section for details.
fS
TIME STAMP PROCESSOR,
DIGITAL LOOP FILTER,
TUNING WORD PROCESSOR,
AND NCO
PFD
AND
LOOP
FILTER
M DIVIDER
OUTPUT
DISTRIBUTION
DPLL
AD9546
SYSTEM
CLOCK
LFx
XOA
XOB
Q
APLL
OUTxyN/
OUTxyP
REFx
R
OTHER DPLL
FEEDBACK TDC
DIGITAL
CROSS
POINT
MUX
REFERENCE TDCS
AUXILIARY NCOS
INVERSE USER TIME
STAMPERS (IUTS)
REFy
R
AUXILIARY
REFERENCE TDCS
VCO
÷2
Z
NOTE
1. REFx AND REFy CAN EACH BE ANY OF THE REFERENCE INPUTS, BUT NOT THE SAME REFERENCE INPUT.
Figure 85. External Zero Delay PLL Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com