Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 122 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 122 Page - Analog Devices

Back Button AD9546 Datasheet HTML 118Page - Analog Devices AD9546 Datasheet HTML 119Page - Analog Devices AD9546 Datasheet HTML 120Page - Analog Devices AD9546 Datasheet HTML 121Page - Analog Devices AD9546 Datasheet HTML 122Page - Analog Devices AD9546 Datasheet HTML 123Page - Analog Devices AD9546 Datasheet HTML 124Page - Analog Devices AD9546 Datasheet HTML 125Page - Analog Devices AD9546 Datasheet HTML 126Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 122 of 205
DIGITAL PLL (DPLL)
DPLL OVERVIEW
The DPLL is a completely digital implementation of a PLL.
Figure 88 shows the fundamental building blocks of an APLL
and a DPLL. An APLL typically relies on a VCO as the
frequency element for generating an output signal, where the
output frequency depends on an applied dc voltage. A DPLL,
conversely, uses an NCO, which relies on a digital frequency
tuning word (FTW) to produce the output frequency. A VCO
inherently produces a timing signal because the VCO is, by
definition, an oscillator, whereas the AD9546 NCO requires an
external timing source, the system clock. The fundamental
difference between an APLL and a DPLL is that the VCO in an
APLL can tune to any frequency within its operating
bandwidth, whereas the NCO in a DPLL can only tune to
discrete frequencies (by virtue of the FTW).
PHASE
DETECTOR
DIVIDER
LOOP
FILTER
VCO
ANALOG
PHASE
ERROR
VOLTAGE
FIXED LOOP
BANDWIDTH
APLL
DIGITAL
PHASE
DETECTOR
DIVIDER
DIGITAL
LOOP
FILTER
NUMERIC
PHASE
ERROR
SYSTEM
CLOCK
PROGRAMMABLE
LOOP BANDWIDTH
DPLL
NCO
NUMERIC
COEFFICIENTS
NUMERIC
FREQUENCY
TUNING WORD
Figure 88. APLL vs. DPLL
The DPLLs in the AD9546 have a phase detector (that operates
on numeric time stamps at its reference and feedback inputs
rather than physical clock signals) and a digital loop filter with
programmable bandwidth. The digital loop filter output yields
a digital FTW (instead of a dc voltage, as in the case of an
analog PLL) that produces a corresponding NCO output
frequency.
DPLL LOOP CONTROLLER
The DPLL has several operating modes: freerun, holdover, and
active. To ensure seamless transition between modes, the DPLL
has a loop controller. The loop controller sets the appropriate
DPLL operating mode based on the prevailing requirements of
automatic reference switching or manual control settings.
Switchover
Switchover occurs when the loop controller switches directly
from one input reference to another (see the Reference
Switching section). To handle a reference switchover, the
AD9546 briefly enters holdover mode, loads the DPLL
parameters from the source profile associated with the new
reference, and then immediately recovers.
Holdover or Freerun
Typically, the holdover or freerun state is in effect when all
input references are invalid. However, the user can force the
holdover mode even when one or more references are valid by
programming Bit 1 to Logic 1 of Register 0x2105 (for DPLL0)
or Register 0x2205 (for DPLL1). In holdover mode, the output
frequency remains fixed (to the extent of the stability of the
system clock). The accuracy of the AD9546 in holdover mode
depends on the device programming and availability of the
tuning word history.
To force freerun mode, see the Freerun Tuning Word section.
When the DPLL is in holdover or freerun mode, there is no
active translation profile available (see the Frequency Translation
Loops section). However, the DPLL is still attached to a
translation profile by virtue of Bits[2:0] of Register 0x102A (for
DPLL0) or Register 0x142A (for DPLL1). Bits[2:0] define the
translation profile with a value of x, where x is 0 to 5, that
associates with the DPLL when in holdover or freerun mode.
Because the DPLL attaches to the profile specified by Bits[2:0],
the recommendation is for the user to program Bits[2:0] with
one of the translation profiles the user has configured. For
example, if the user configures Translation Profile 0,
Translation Profile 2, and Translation Profile 5 for use by
DPLL0, program Bits[2:0] with a decimal value of 0, 2, or 5.
Recovery from Holdover
When in holdover mode, and an enabled translation profile
becomes available, the device exits holdover operation. The
loop controller restores the DPLL to closed-loop operation, which
begins to lock onto the selected reference, and sequences the
recovery of all loop parameters based on the profile settings for
the active reference.
If Bit 1 = 1 in Register 0x2105 (for DPLL0) or Register 0x2205
(for DPLL1), the device does not automatically exit holdover
when a valid translation profile is available. However,
automatic recovery of a valid translation profile can occur after
clearing Bit 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com