Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 121 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 121 Page - Analog Devices

Back Button AD9546 Datasheet HTML 117Page - Analog Devices AD9546 Datasheet HTML 118Page - Analog Devices AD9546 Datasheet HTML 119Page - Analog Devices AD9546 Datasheet HTML 120Page - Analog Devices AD9546 Datasheet HTML 121Page - Analog Devices AD9546 Datasheet HTML 122Page - Analog Devices AD9546 Datasheet HTML 123Page - Analog Devices AD9546 Datasheet HTML 124Page - Analog Devices AD9546 Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 121 of 205
Because the feedback path of the DPLL includes the loop filter,
the feedback signal has the benefit of reduced jitter and an
inherent resistance to change (a consequence of the typically
narrow bandwidth of the loop filter). As such, when the
AD9546 switches to a new reference, the phase and frequency
of the old reference tends to persist in the feedback path of the
DPLL. The feedback path persistence provides some time for
the DPLL to compare the new reference signal to the old one.
As shown in Figure 87, the reference likely exhibits jitter. The
presence of jitter implies uncertainty in the measured time offset
between the feedback and reference signals. This uncertainty, in
turn, leads to a potential error in the determination of the
correct phase buildout value in the DPLL.
To help mitigate jitter induced errors in the assessment of the
phase buildout value, the AD9546 provides a phase skew
refinement feature. To activate the phase skew refinement
feature, use Bits[7:0] (unsigned) of the appropriate source
profile at the start address shown in Table 78 plus an offset of
17 (decimal). Bits[7:0] constitute the phase skew refinement
steps value.
A phase skew refinement steps value of zero (default) disables
the phase skew refinement feature. With the phase skew
refinement feature disabled, the phase buildout value is an
unfiltered snapshot of the reference and feedback time offset at a
single sampled edge, which includes the contribution of any jitter
present on the reference signal.
A nonzero phase skew refinement steps value, K, sets the
number of phase samples the AD9546 analyzes as part of the
phase skew refinement process. That is, instead of taking the
first phase sample (jitter included) as the phase buildout value,
the phase skew refinement feature processes the first K phase
samples to assess the reference jitter and to determine the phase
buildout value. As such, the phase skew refinement feature
extends the time required to determine a phase buildout value
following a reference switchover, but the extra time yields a
more accurate phase buildout value.
The phase skew refinement process operates under the
assumption that the feedback and reference clocks are of the same
frequency, or at least very close. If they are not the same
frequency, the frequency offset appears as a linear phase slew,
which quickly becomes the dominant phase contributor and
masks any jitter that may be present on the reference signal.
Therefore, a reference switchover between references of
dissimilar frequency results in degraded performance of the
phase skew refinement feature.
REFERENCE JITTER
FEEDBACK
SIGNAL
REFERENCE
SIGNAL
SUPPRESSED
JITTER
NOMINAL TIME OFFSET BETWEEN OLD REFERENCE SIGNAL FEEDBACK AND NEW REFERENCE SIGNAL
THE OLD REFERENCE SIGNAL TEMPORARILY PERSISTS IN THE FEEDBACK SIGNAL
REFERENCE
SWITCHOVER
UNCERTAINTY
Figure 87. DPLL Reference and Feedback Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com