Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 119 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 119 Page - Analog Devices

Back Button AD9546 Datasheet HTML 115Page - Analog Devices AD9546 Datasheet HTML 116Page - Analog Devices AD9546 Datasheet HTML 117Page - Analog Devices AD9546 Datasheet HTML 118Page - Analog Devices AD9546 Datasheet HTML 119Page - Analog Devices AD9546 Datasheet HTML 120Page - Analog Devices AD9546 Datasheet HTML 121Page - Analog Devices AD9546 Datasheet HTML 122Page - Analog Devices AD9546 Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 119 of 205
SOURCE PROFILES
SOURCE PROFILES OVERVIEW
The source profiles give the user a method to define how an
input source, when selected by a DPLL channel via the active
translation profile, interacts with the DPLL. The user has access
to the 14 source profiles (one profile for each source) via the
register map with each source profile having a start and end
address per Table 78. Each source profile gives the user control
of the following parameters:
•
DPLL phase lock detector
•
DPLL frequency lock detector
•
Phase step limit
•
Skew adjustment
•
Initial phase skew refinement steps
Table 78. Source Name vs. Source Profile Address Range
Source Name
Start Address
End Address
REFA
0x0800
0x0811
REFAA
0x0820
0x0831
REFB
0x0840
0x0851
REFBB
0x0860
0x0871
Auxiliary NCO 0
0x0880
0x0891
Auxiliary NCO 1
0x08A0
0x08B1
DPLL0
0x08C0
0x08D1
DPLL1
0x08E0
0x08F1
IUTS 0
0x0900
0x0911
IUTS 1
0x0920
0x0931
Auxiliary REF0
0x0940
0x0951
Auxiliary REF1
0x0960
0x0971
Auxiliary REF2
0x0980
0x0991
Auxiliary REF3
0x09A0
0x09B1
A source profile links to a DPLL translation profile (see the
Translation Profiles section) via Bits[4:0] of the translation
profile register start address shown in Table 74 plus an offset of
1 (decimal). The selected source (per Bits[4:0] in the associated
translation profile) identifies the source name in Table 78.
DPLL PHASE/FREQUENCY LOCK DETECTOR
See the DPLL Lock Detectors section for details concerning the
phase and frequency detectors of the DPLL.
PHASE STEP LIMIT
Although the AD9546 can switch between multiple reference
inputs, some applications use only one input and handle
reference switching externally (see Figure 86). This
arrangement forfeits the ability of the AD9546 to mitigate the
output disturbance associated with a reference switchover,
because the reference switchover is not under the control of the
AD9546. However, the AD9546 offers a phase transient
threshold detection feature to help identify when an external
reference switchover occurs and acts accordingly.
AD9546
REFx
REFERENCE 1
REFERENCE 2
SWITCHOVER
CONTROL
Figure 86. External Reference Switching
Phase transient threshold detection works by monitoring the
output of the DPLL phase detector for phase transients but in a
manner that is somewhat jitter tolerant. Otherwise, the phase
transient threshold detector is prone to false positives.
To control the phase transient detector, use Bits[31:0]
(unsigned) of the appropriate source profile at the start address
shown in Table 78 plus an offset of 10 to 13 (decimal).
Bits[31:0] constitute the phase step threshold value. A phase
step threshold value of zero (default) disables the phase
transient threshold detector, whereas a nonzero value serves to
activate the phase transient threshold detector as well as define
the desired threshold (ΦTHRESH) in units of picoseconds per the
following equation:
ΦTHRESH = Phase Step Threshold × 10−12
(14)
The phase transient threshold detector is not active unless the
DPLL indicates frequency locked status.
Determine the value of the phase step threshold value necessary
for a 12 ns limit (that is, ΦTHRESH = 12 × 10−9). Solving
Equation 14 for phase step threshold yields
Phase Step Threshold = ΦTHRESH/10−12
= (12 × 10−9)/10−12
= 12,000
= 0x 0000 2EE0 (hexadecimal)
To reduce the likelihood of threshold violations induced by
jitter, the user must choose ΦTHRESH to be at least two times the
expected rms jitter (σJITTER) associated with the input reference
signal.
ΦTHRESH ≥ 2 × σJITTER
(15)
As such, in the previous example for a phase step threshold of
12,000, an input signal with 12 ns rms jitter is likely to produce
false positives, because it violates the inequality in Equation 15.
To reduce the likelihood of a false positive, the inequality in
Equation 15 implies that a phase step threshold of 24,000 is a
better choice. However, even with a value of 24,000, there is still
a slight probability of a jitter sample exceeding 2 × σJITTER. As
such, multiplying σJITTER by four to six is an even better choice.
When a phase transient occurs that exceeds the prescribed
value, one or both of the following two events occur, depending
on the state of Bit 7 of Register 0x2105 (for PLL0) and
Register 0x2205 (for PLL1):
•
The DPLL initiates a new acquisition sequence
•
The reference monitor is reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com