Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 125 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 125 Page - Analog Devices

Back Button AD9546 Datasheet HTML 121Page - Analog Devices AD9546 Datasheet HTML 122Page - Analog Devices AD9546 Datasheet HTML 123Page - Analog Devices AD9546 Datasheet HTML 124Page - Analog Devices AD9546 Datasheet HTML 125Page - Analog Devices AD9546 Datasheet HTML 126Page - Analog Devices AD9546 Datasheet HTML 127Page - Analog Devices AD9546 Datasheet HTML 128Page - Analog Devices AD9546 Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 125 of 205
DIGITAL
LOOP
FILTER
DPLL0
FROM
DIGITAL PFD
TO
NCO
LOOP
FILTER
COEFFICIENTS
0 1
FAST
ACQ 0
PHASE LOCK
DETECT
BW
ADJ
DIGITAL
LOOP
FILTER
DPLL1
FROM
DIGITAL PFD
TO
NCO
LOOP
FILTER
COEFFICIENTS
PHASE LOCK
DETECT
LF1
BW
ADJ
BW
FAST
ACQ 1
REG 0x1207 TO 0x1204, BITS[31:0]
REG 0x1203, BIT 7
REG 0x0C17 TO 0x0C0C, BITS[95:0]
REG 0x0C0B TO 0x0C00, BITS[95:0]
LOOP FILTER 0
COEFFICIENTS
LOOP FILTER 1
COEFFICIENTS
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
2. EXCEPT FOR LF0 AND LF1, REGISTER ADDRESSES ARE SPECIFIC TO TRANSLATION PROFILE 0.0 AND 1.1
0 1
REG 0x1603, BIT 7
REG 0x1607 TO 0x1604, BITS[31:0]
REG 0x160F TO 0x160C, BITS[31:0]
REG 0x120F TO 0x120C, BITS[31:0]
LF0
BW
Figure 90. Digital Loop Filter Block Diagram
DPLL Loop Filter Bandwidth
Because the base coefficients establish a normalized frequency
response, the loop filter requires a scale factor to set the
absolute frequency response. The scale factor, which sets the
bandwidth (BW), resides in the translation profiles (see the
Translation Profiles section), as shown in Figure 90. The scale
factor is Bits[31:0] (unsigned) residing in the appropriate
translation profile at the start address shown in Table 74 plus an
offset of 4 to 7 (decimal).
The frequency units associated with the scale factor depend on the
normalization of the LF0 and LF1 base coefficients (see the DPLL
Loop Filter Base Coefficients section). In the case of the default
base coefficients, the normalized frequency units are µHz
(10−6 Hz) for both LF0 and LF1.
To calculate the scale factor necessary to set the 0 dB open-loop
bandwidth, divide the desired loop bandwidth by the
normalized frequency associated with the selected set of base
coefficients, LF0 or LF1. In the case of the default LF0 and LF1
values, the normalized frequency is 10−6 Hz.
For example, given a desired loop bandwidth of 50 Hz, the
required scale factor is
Scale Factor = 50 Hz/10−6 Hz
= 50,000,000
= 0x 02FA F080 (hexadecimal)
Note that the 32-bit scale factor implies a maximum DPLL loop
bandwidth of nearly 4.3 kHz (232 × 10−6 Hz). However, the
presence of the NCO gain tuning word filter in the loop (see the
NCO Gain Tuning Word Filter Bandwidth section) puts a
constraint on the maximum DPLL loop filter bandwidth. Table 80
relates the maximum DPLL loop filter bandwidth as a function of
the value of the selected NCO gain filter bandwidth. The active
translation profile of the DPLL determines whether the LF0 or
LF1 column applies for a given DPLL channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com