Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 127 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 127 Page - Analog Devices

Back Button AD9546 Datasheet HTML 123Page - Analog Devices AD9546 Datasheet HTML 124Page - Analog Devices AD9546 Datasheet HTML 125Page - Analog Devices AD9546 Datasheet HTML 126Page - Analog Devices AD9546 Datasheet HTML 127Page - Analog Devices AD9546 Datasheet HTML 128Page - Analog Devices AD9546 Datasheet HTML 129Page - Analog Devices AD9546 Datasheet HTML 130Page - Analog Devices AD9546 Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 127 of 205
given application. That is, the preceding example assumes fS
and fNCO are completely static values. However, fS is only as
stable as the oscillator or resonator at the XOA and XOB pins.
Furthermore, with the DPLL locked to an input reference
signal, fNCO tracks variations in the reference frequency.
Therefore, the user must assess variations on FTW for a given
application. That is, the user must consider upper and lower
FTW values, which lead to upper and lower INT and FRAC
values as well.
For example, assume in the preceding example that input
frequency variations cause the FTW to vary by 0.5%, leading to
two FTW values that differ from 30,076,213,163,657 by 0.5%:
Lower FTW = 29,925,832,097,839
Upper FTW = 30,226,594,229,475
The upper and lower FTW values lead to the following INT and
FRAC values:
INTUPPER = 9
FRACUPPER = 0.3121631426201929571107029914856
INTLOWER = 9
FRACLOWER = 0.40575272194291756022721529006958
In this case, the upper and lower INT values and upper and
lower FRAC values satisfy the constraints on INT and FRAC.
The upper and lower INT values must be the same. Otherwise,
having different values implies that the upper and lower FTW
values cross an SDM integer boundary, which can lead to poor
spurious performance. There are two ways to remedy this
problem. The first, which is less workable, is to limit the
variation on the system clock frequency and the reference input
frequency. The second is to choose a new FTW value (and, by
implication, a new fNCO value). In either case, the goal is to
constrain the variation of the FTW such that the FTW yields
identical (and valid) upper and lower INT values, as well as
valid upper and lower FRAC values.
The NCO applies adjustments to INT and FRAC as necessary
when the system clock compensation feature is active (see the
System Clock Compensation section).
NCO GAIN TUNING WORD FILTER BANDWIDTH
Although not explicitly shown in Figure 91, the NCO contains
a digital low-pass filter, the NCO gain tuning word filter. This
filter has a single-pole response similar to a simple resistor and
capacitor low-pass filter (see Figure 92), but with a variable gain
component that compensates for the nonlinear gain of the
NCO. The NCO gain tuning word filter reduces frequency
transients that can occur when the DPLL switches between
closed-loop and open-loop operating modes (active to
holdover, for example).
TUNING
WORD
TIME
FTW2
FTW1
INPUT
OUTPUT
TRANSITION
TIME
Figure 92. NCO Gain Tuning Word Filter Response
To control the filter bandwidth, use Bits[3:0] (unsigned integer)
in Register 0x1009 for DPLL0 and Register 0x1409 for DPLL1.
Table 81 shows how the value of Bits[3:0] relates to the
bandwidth and resulting transition time.
To prevent degradation of the phase margin associated with the
DPLL loop filter (see the DPLL Loop Filter section), the user
must be careful to choose an NCO gain tuning word filter
bandwidth from Table 81 that is at least 100 times greater than
the loop bandwidth of the DPLL. This value includes any
expansion of the DPLL loop filter bandwidth by the fast
acquisition block, if enabled (see the DPLL Fast Acquisition
Options section).
Table 81. NCO Gain Tuning Word Filter Bandwidth Selections
Bits[3:0]
3 dB Bandwidth (Hz)
Transition Time (ms)
0
248,000
0.003
1
124,000
0.006
2
62,000
0.013
3
31,000
0.026
4
15,500
0.051
5
7800
0.102
6
3900
0.204
7
1900
0.419
8
970
0.820
9
490
1.62
10
240
3.32
11
120
6.63
12
61
13.0
13
30
26.5
14
15
53.1
15
7.6
105
The NCO gain tuning word filter has implications when using
the NCO as a traditional, open-loop digital frequency synthesizer.
For example, when the DPLL is programmed for freerun mode
(see the Freerun Tuning Word section), the DPLL operates like
a traditional NCO. That is, the user can program different
freerun tuning words to synthesize different frequencies. In a
traditional NCO, programming a new tuning word results in an
instantaneous switch from the initial frequency to the new
frequency (like the input trace shown in Figure 92). However,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com