Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 131 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 131 Page - Analog Devices

Back Button AD9546 Datasheet HTML 127Page - Analog Devices AD9546 Datasheet HTML 128Page - Analog Devices AD9546 Datasheet HTML 129Page - Analog Devices AD9546 Datasheet HTML 130Page - Analog Devices AD9546 Datasheet HTML 131Page - Analog Devices AD9546 Datasheet HTML 132Page - Analog Devices AD9546 Datasheet HTML 133Page - Analog Devices AD9546 Datasheet HTML 134Page - Analog Devices AD9546 Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 131 of 205
The value of Bits[2:0] tells the fast acquisition controller how
long to observe a nonchanging phase lock indication before
moving on to the next step. Table 82 show the available settling
time durations.
Table 82. Fast Acquisition Lock Detect Settling Time
Bits[2:0]
Settle Time
0
1 ms
1
10 ms
2
50 ms
3
100 ms
4
500 ms
5
1 sec
6
10 sec
7
50 sec
During operation, if the DPLL indicates a phase unlock within
the settling period, the fast acquisition controller does not
advance to the next step. Instead, the controller resets the
settling timer, waits for the next indication of phase lock, and
invokes the settling period again. This process continues until
the phase lock remains for the full duration of the prescribed
settling time.
Fast Acquisition Timeout Control
To prevent the fast acquisition controller from stalling because
the DPLL fails to reach a phase locked condition, the controller
has a timeout mechanism. That is, at each step in the fast
acquisition process, the fast acquisition controller waits for the
DPLL to phase lock (and settle), but only up to a user defined
maximum amount of time.
The user specifies the maximum time for the fast acquisition
controller to wait for phase lock via Bits[6:4] (unsigned integer)
in the appropriate translation profile at the start address shown
in Table 74 plus an offset of 23 (decimal).
The available timeout values appear in Table 83. If the fast
acquisition controller does not observe phase lock and settling
within the prescribed timeout interval, the fast acquisition
controller automatically advances to the next step in the fast
acquisition process. When the fast acquisition controller
reaches the final bandwidth step and the DPLL indicates phase
lock within the specified settle time, the fast acquisition
controller sets status Bit 5 (fast acquisition complete) of
Register 0x3102 (for DPLL0) or Register 0x3202 (for DPLL1).
Table 83. Fast Acquisition Timeout
Bits[6:4]
Settle Time
0
10 ms
1
50 ms
2
100 ms
3
500 ms
4
1 sec
5
10 sec
6
50 sec
7
100 sec
Fast Acquisition Trigger
The Fast Acquisition Timeout Control section describes the
timing of the fast acquisition process but not what triggers the
process. The user controls what triggers the fast acquisition
process via Bits[3:0] of Register 0x2106 (for DPLL0) and
Register 0x2206 (for DPLL1).
•
Bit 0: fast acquisition from freerun
•
Bit 1: fast acquisition from holdover
•
Bit 2: fast acquisition during first acquisition
•
Bit 3: fast acquisition when no distribution outputs are
toggling
The fast acquisition controller treats the specific restrictions
implied by Bits[3:0] in logical OR fashion. That is, the
controller obeys all restrictions that apply per the set bits. Note
that when all four of these bits are Logic 0, no restrictions
apply. That is, the fast acquisition controller is completely
unrestricted, and the DPLL always uses fast acquisition (if
enabled). However, making any one of these bits Logic 1 puts
the fast acquisition controller into a restricted operating mode
where it must obey the restrictions explicitly as follows.
Fast acquisition triggers under the following four sets of
conditions:
•
When Bit 0 = 1 and the DPLL enters closed-loop operation
from freerun mode, fast acquisition triggers.
•
When Bit 1 = 1 and the DPLL enters closed-loop operation
from holdover mode, fast acquisition triggers.
•
When Bit 2 = 1 and this is the first execution of the fast
acquisition process, fast acquisition triggers. That is, the
fast acquisition controller has not completed a fast
acquisition sequence previously (more specifically, when
the fast acquisition complete status bit is Logic 0). When
the fast acquisition complete status bit is Logic 1, the user
can clear it by writing Logic 1 to Bit 3 (autoclearing) of
Register 0x2107 (for DPLL0) or Register 0x2207 (for
DPLL1). Setting Bit 3 = 1 provides a mechanism to have
subsequent first acquisition events.
•
When Bit 3 = 1 and all clock distribution outputs of the
corresponding PLL channel are not toggling, fast
acquisition triggers.
As an example of fast acquisition trigger control, assume Bit 1
and Bit 2 are both Logic 1 and that DPLL enters closed-loop
operation from freerun mode, which does not satisfy the first
condition. However, because there is a second restriction, and
the device treats the restrictions in logical OR fashion, the
status of the second constraint applies. As such, if the entry of
the DPLL into closed-loop operation from freerun mode
happens to be the first acquisition of the DPLL, a fast
acquisition is in effect (otherwise, a normal acquisition results).
Next, assume the DPLL enters closed-loop operation from
holdover, which satisfies the first condition. As such, the DPLL
employs fast acquisition (the first acquisition restriction is
immaterial in this case).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com