Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 135 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 135 Page - Analog Devices

Back Button AD9546 Datasheet HTML 131Page - Analog Devices AD9546 Datasheet HTML 132Page - Analog Devices AD9546 Datasheet HTML 133Page - Analog Devices AD9546 Datasheet HTML 134Page - Analog Devices AD9546 Datasheet HTML 135Page - Analog Devices AD9546 Datasheet HTML 136Page - Analog Devices AD9546 Datasheet HTML 137Page - Analog Devices AD9546 Datasheet HTML 138Page - Analog Devices AD9546 Datasheet HTML 139Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 135 of 205
TUNING WORD HISTORY
The DPLLs have a tuning word processor that handles the
application of tuning words to the NCO. The tuning word
processor embodies several of the functional blocks shown in
Figure 91, including the loop controller, FTW processor, and
the switch. The NCO can receive tuning words from the
following three possible sources:
•
Freerun tuning word
•
Digital loop filter
•
Tuning word averaging processor
This section focuses on the tuning word averaging processor,
which provides the following three digital outputs residing in
the register map:
•
DPLL tuning word history
•
DPLL history available status
•
DPLL history updated status
The DPLL tuning word history is a 46-bit unsigned value that
resides in Register 0x3103 to Register 0x3108 (for DPLL0) and
Register 0x3203 to Register 0x3208 (for DPLL1).
The DPLL history available status is available via Bit 0 of
Register 0x3102 (for DPLL0) and Register 0x3202 (for DPLL1).
The DPLL history updated status is available via Bit 2 of
Register 0x3011 (for DPLL0) and Register 0x3016 (for DPLL1).
The user also has access to the DPLL history available status
and DPLL history updated status as a physical logic level via an
appropriately configured Mx pin.
The main purpose of the averaging processor is to compute an
average of tuning word samples when a DPLL translation profile
initially becomes active (but after expiration of any delays specified
by the delay element of the averaging processor as detailed the
Averaging Processor Delay section). After the averaging processor
collects enough samples to allow a valid tuning word average
computation, the processor sets the DPLL history available
status bit to Logic 1, indicating that the averaged tuning word
history is available. If the DPLL needs to switch to holdover
operation, the DPLL can use the averaged tuning word history
of the averaging processor. Otherwise, the DPLL uses the last
available tuning word from the loop filter or the value in the DPLL
freerun tuning word, depending on the configuration of the
averaging processor.
The averaging processor comprises the following three
functional elements:
•
Delay
•
Windowed average
•
Continue or reset
These functional elements respond to user input via the register
map, as explained in the Averaging Processor Delay section, the
Averaging Processor Windowed Average section, and the
Averaging Processor Continue or Reset section.
Averaging Processor Delay
By default, as soon as a translation profile becomes active (see the
Reference Switching section for what constitutes an active
translation profile), the tuning word processor resets the averaging
processor (and DPLL history available status bit) and the averaging
processor immediately starts processing tuning words from the
loop filter.
However, the user has access to two independent mechanisms to
impose a delay between when a translation profile becomes
active and when the averaging processor begins the tuning
word averaging process: an event dependent delay and a timed
delay.
By default, both mechanisms are inactive, implying no delay.
Event dependent delays take priority over time delays: first, any
of the three possible event dependent delay selections
programmed by the user, then the timed delay programmed by
the user. Until these delays expire, the tuning word processor
ignores incoming tuning words.
The status of the DPLL is the basis for the event dependent
delay mechanism. To invoke the event dependent delay, write a
Logic 1 to any combination of the following delay history
control bits:
•
DPLL delay history until phase lock
•
DPLL delay history until frequency lock
•
DPLL delay history until not slew limiting
These bits reside in Bits[5:3] of Register 0x100E (for DPLL0)
and Register 0x140E (for DPLL1). Logic 1 invokes the
described delay. The DPLL delay history until phase lock bit
(Bit 3) causes the averaging process to delay until the DPLL
phase locks. The DPLL delay history until frequency lock bit
(Bit 4) causes the averaging process to delay until the DPLL
frequency locks. The DPLL delay until not slew limiting bit (Bit
5) causes the averaging process to delay until the phase slew
limiter ceases slew limiting, assuming slew limiting occurs (see
the Phase Slew Rate Limit section).
When more than one of the delay history control bits are Logic 1,
the implementation of the delay behaves as an AND function of
the selected conditions. That is, all the selected status
conditions must be satisfied before the averaging process
begins. The status conditions are real-time status indicators as
they follow the actual state of the DPLL. However, the moment
all selected status conditions are true, the averaging processor
waits for the prescribed holdoff period to expire (assuming the
DPLL history holdoff time is not zero) and starts the averaging
process (even if any of the status conditions become false after
the averaging processor starts averaging).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com