Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 137 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 137 Page - Analog Devices

Back Button AD9546 Datasheet HTML 133Page - Analog Devices AD9546 Datasheet HTML 134Page - Analog Devices AD9546 Datasheet HTML 135Page - Analog Devices AD9546 Datasheet HTML 136Page - Analog Devices AD9546 Datasheet HTML 137Page - Analog Devices AD9546 Datasheet HTML 138Page - Analog Devices AD9546 Datasheet HTML 139Page - Analog Devices AD9546 Datasheet HTML 140Page - Analog Devices AD9546 Datasheet HTML 141Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 137 of 205
mechanism for knowing when the tuning word history
processor refreshes the DPLL tuning word history. However,
the DPLL history updated bit is a latched bit. Therefore, this bit
indicates a refresh of the DPLL tuning word history, but not
necessarily the most recent history.
DPLL Clear History Bit
The user can clear the averaging history at any time via Bit 1 of
Register 0x2107 (for DPLL0) and Register 0x2207 (for DPLL1).
Logic 1 forces the averaging processor to clear the averaging
circuitry, thereby erasing any previous tuning word history
information, and forces the DPLL history available bit to
Logic 0 (until a newly computed initial average is available).
Programming the DPLL clear history bit to Logic 1 does not
clear the contents of the DPLL tuning word history. That is, the
last update of the DPLL tuning word history remains intact
until the processor calculates a new average and sets the DPLL
history updated bit, thereby notifying the user a new average is
available.
DPLL Single Sample History Bit
When the DPLL must make a switch from active closed-loop
operation to holdover operation, it attempts to use the tuning
word history from the averaging processor. However, if the
averaging processor has not yet set the DPLL history available
status bit (indicating no history is available), the DPLL uses the
DPLL freerun tuning word as the tuning word for the NCO by
default. Alternatively, the user can have the DPLL use the most
recent tuning word from the loop filter instead. To use the most
recent tuning word from the loop filter, program Bit 1 to Logic
1 of Register 0x100E (for DPLL0) and Register 0x140E (for
DPLL1).
DPLL Quick Start History Bit
Normally, when the DPLL is in active closed-loop operation,
the averaging processor must process tuning words for at least
the amount of time prescribed by the DPLL history accumulation
timer. The prescribed time is necessary to compute a full tuning
word history average and to set the DPLL history available bit
(thereby indicating the averaging processor has processed
enough tuning words to compute an initial average). However,
the user has the option to allow the averaging processor to
indicate the history is available earlier by writing a Logic 1 to
Bit 2 of Register 0x100E (for DPLL0) and Register 0x140E (for
DPLL1). Under this condition, the averaging processor sets the
DPLL history available status bit after the first two subintervals
expire and updates the DPLL tuning word history. Updates of
the DPLL tuning word history continue every subinterval
thereafter.
During the first eight subintervals of the quick start history
sequence, the second and third subintervals exhibit a two-
subinterval averaging window. The fourth, fifth, sixth, and
seventh subintervals exhibit a four-subinterval averaging
window. Finally, the eighth subinterval exhibits an eight-
subinterval averaging window, which remains the case for all
subsequent subintervals.
The quick start feature is useful when the time span dictated by
the DPLL history accumulation timer is very large (hours, for
example). The quick start feature allows the averaging
processor to make an initial tuning word average available after
¼ of the time indicated by the DPLL history accumulation timer.
The DPLL single sample history and DPLL quick start history
bits are not mutually exclusive. Both can be set to provide both
options simultaneously with the state of the averaging
processor, dictating which option is applicable for the
prevailing conditions. Following a switch from active closed-
loop operation to holdover operation, the progress made by the
averaging processor in computing the initial tuning word
average directs the action of the tuning word processor
according to the state of the DPLL single sample history bit and
the DPLL quick start history bit.
DPLL Persistent History Bit
The DPLL persistent history bit works in conjunction with the
control bits described in the Averaging Processor Continue or
Reset section. The DPLL persistent history bit is Bit 0 of
Register 0x100E (for DPLL0) and Register 0x140E (for DPLL1).
When Bit 0 = 0, the tuning word processor resets the averaging
processor based on the control bits described in the Averaging
Processor Continue or Reset section. When Bit 0 = 1, this
setting prevents the tuning word processor from clearing the
averaging processor based on the control bits described in the
Averaging Processor Continue or Reset section. Instead, the
averaging processor holds onto the previous computation. That
is, the computation pauses or persists.
Averaging Processor Continue or Reset
By default, the averaging processor continues to compute a
rolling average regardless of the state of the DPLL. The following
three bits provide optional control over resetting or pausing the
averaging processor based on the DPLL state:
•
DPLL pause history while phase unlocked
•
DPLL pause history while frequency unlocked
•
DPLL pause history while phase slew limiting
These bits pause or reset the averaging process depending on
the DPLL persistent history bit. When DPLL persistent history = 0,
these three bits cause the averaging processor to reset. When
DPLL persistent history = 1, these three bits cause the averaging
processor to pause and then resume when the conditions
dictate.
The DPLL pause history while phase unlocked bit is Bit 0 of
Register 0x100F (for DPLL0) and Register 0x140F (for DPLL1).
Programming Bit 0 = 1 pauses or resets the averaging processor
while the DPLL is not phase locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com