Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 140 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 140 Page - Analog Devices

Back Button AD9546 Datasheet HTML 136Page - Analog Devices AD9546 Datasheet HTML 137Page - Analog Devices AD9546 Datasheet HTML 138Page - Analog Devices AD9546 Datasheet HTML 139Page - Analog Devices AD9546 Datasheet HTML 140Page - Analog Devices AD9546 Datasheet HTML 141Page - Analog Devices AD9546 Datasheet HTML 142Page - Analog Devices AD9546 Datasheet HTML 143Page - Analog Devices AD9546 Datasheet HTML 144Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 140 of 205
TIME STAMP TAGGING OPTIONS
The input to the DPLL consists of time stamps arriving from
two TDCs: a reference input TDC and a feedback TDC.
Furthermore, the user can enable tagging of time stamps
originating from those TDCs (see the Tagged Time Stamps
section). The user can also enable the DPLL to operate based on
tagged time stamps (rather than every time stamp) originating
from the reference and/or feedback TDCs.
The use of tagged time stamps by the DPLL only applies for zero
delay (hitless) mode. The DPLL ignores tagged time stamps in
phase buildout mode. See the Frequency Translation Loops section
for an explanation of zero delay and phase buildout modes.
The user establishes the tagged time stamp functionality of the
DPLL via Bits[4:2] of the appropriate translation profile at the
start address shown in Table 74 plus an offset of 3 (decimal).
There are five tagged operating modes per Table 86.
Table 86. Tagged Time Stamp Operating Modes
Bits[4:2]
Tag Mode
0
No tagging (default)
1
Reference tagging only
2
Feedback tagging only
3
Combined reference and feedback tagging with
equal carrier rates
4
Combined reference and feedback tagging with
unequal carrier rates
5 to 7
Not applicable
With respect to tagged time stamps, the carrier rate is the rate at
which the TDC generates time stamps (that is, the underlying rate
of the input clock to the TDC). The tagged rate is the rate at which
the TDC generates tagged time stamps. The tagged rate is
always an integer submultiple of the carrier rate.
The no tagging mode is the normal operating mode of the DPLL.
That is, the digital PFD processes every reference and feedback
time stamp whether the time stamp is a tagged time stamp or not.
The reference tagging only mode tells the digital PFD to use
tagged reference time stamps for phase alignment purposes.
The user must ensure the reference is set up to provide tagged
time stamps. When the reference is one of the REFx or auxiliary
REFx inputs, the reference demodulator is the source of tagged
time stamps (see the Reference Demodulator section). When
the reference is an auxiliary NCO, the auxiliary NCO is the
source of tagged time stamps (see the Auxiliary NCOs section).
The feedback tagging only mode tells the digital PFD to use
tagged feedback time stamps for phase alignment purposes.
The user must ensure the feedback path is set up to provide
tagged time stamps via output clock modulation (see the
Distribution Embedded Output Clock Modulation section).
The combined reference and feedback tagging modes tell the
digital PFD to use tagged time stamps from both the reference
and feedback TDCs. The user must ensure that the reference
and feedback paths are set up to provide tagged time stamps.
Furthermore, the user must ensure that the tag rate of the
reference path matches the tag rate of the feedback path.
There are two variants of the combined reference and feedback
tagging modes: equal and unequal carrier rates. The combined
reference and feedback tagging modes require equal tag rates
on both paths. There is no such requirement on the carrier
rates for both paths. However, to function properly, the DPLL
requires advance knowledge of the relationship between the
reference and feedback carrier rates, which is the reason for the
two variants. The user must select the appropriate variant based
on whether the reference and feedback TDC carrier rates differ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com