Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 144 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 144 Page - Analog Devices

Back Button AD9546 Datasheet HTML 140Page - Analog Devices AD9546 Datasheet HTML 141Page - Analog Devices AD9546 Datasheet HTML 142Page - Analog Devices AD9546 Datasheet HTML 143Page - Analog Devices AD9546 Datasheet HTML 144Page - Analog Devices AD9546 Datasheet HTML 145Page - Analog Devices AD9546 Datasheet HTML 146Page - Analog Devices AD9546 Datasheet HTML 147Page - Analog Devices AD9546 Datasheet HTML 148Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 144 of 205
ANALOG PLL (APLL)
APLL OVERVIEW
Figure 100 shows a block diagram of the APLL, which is valid
for both APLL0 and APLL1. The main components of the
APLL comprise the following:
•
An integrated VCO
•
A combined PFD and charge pump
•
A loop filter
•
A feedback divider (M divider)
The purpose of the APLL is
•
To provide a low noise output clock signal
•
To upconvert the DPLL output frequency to ~3 GHz
•
To suppress the spurious artifacts of the NCO
VOLTAGE CONTROLLED OSCILLATOR (VCO)
The VCO provides a spurious free, low noise RF clock signal in
the 3 GHz range that feeds the output distribution section, with
APLL0 as the source for the OUT0x outputs and APLL1 as the
source for the OUT1x outputs. The VCOs for APLL0 and
APLL1 cover nonoverlapping frequency ranges, as shown in
Table 87. The output frequency of the APPL is one half of the
VCO frequency due to the P divider (see Figure 100).
Table 87. APLL VCO Frequency and Gain
APLL
VCO Frequency (MHz)
VCO Gain (MHz/V)
0
2424 to 3232
60
1
3232 to 4040
100
The VCO has a frequency range that is approximately
800 MHz, which consists of many narrow, overlapping
frequency bands. To ensure the VCO uses the appropriate band
for a given output frequency and to accommodate proper
operation over a broad temperature range, the AD9546
incorporates an automated VCO calibration feature.
VCO Calibration
To initiate VCO calibration of APLL0 or APLL1 independently,
write a Logic 1 to Bit 1 of Register 0x2100 (for APLL0) and
Register 0x2200 (for APLL1). Bit 0 is not autoclearing.
Therefore, the user must immediately restore Bit 0 to Logic 0,
because maintaining a static Logic 1 state may cause unexpected
device behavior.
To calibrate both APLL channels together, instead of each channel
independently, write a Logic 1 to Bit 1 of Register 0x2000. Bit 1
calibrates the system clock PLL as well as both APLLs.
One option for checking the status of the APLL VCO calibration
process is via Bits[5:4] of Register 0x3100 (for APPL0) and
Register 0x3200 (for APLL1). Bit 4, when Logic 1, indicates the
APPL is busy calibrating. Bit 5, when Logic 1, indicates the
APPL is done calibrating. Bit 4 is also available as a physical
output signal via an appropriately configured Mx pin.
The other option for checking the status of the APLL VCO
calibration process is via Bits[1:0] of Register 0x3014 (for APLL0)
and Register 0x3019 (for APLL1). Because Bit 0 and Bit 1
represent the latched state transitions of Bit 4 and Bit 5,
respectively, they may represent a condition that is no longer
true. Therefore, the user must clear Bit 0 and Bit 1 via Bit 0 and
Bit 1, respectively, of Register 0x200F for APLL0 and Register
0x2014 for APLL1. Otherwise, the user may lose indication of
subsequent state changes of the VCO calibration process.
PHASE
DETECTOR AND
CHARGE PUMP
VCO
CAL
LOCK
DETECTOR
7
LFx
LDOx
AD9546
VCO
LOOP FILTER
TO
OUTPUT
DISTRIBUTION
CHARGE
PUMP
CONTROL
LOOP
FILTER
CONTROL
2
2
3
3
8
3.9nF
P DIVIDER
REG 0x1080, BITS[6:0]
REG 0x3100, BIT 4
REG 0x3100, BIT 5
REG 0x3014, BIT 0
REG 0x3014, BIT 1
220nF
÷2
NOTES
1. A RANGE OF ADDRESSES OR BITS USES A COLON SEPARATOR
2. REGISTER ADDRESSES ARE SPECIFIC TO APLL0
REG 0x1080, BIT 7
REG 0x1083, BIT 0
REG 0x1083, BITS[2:1]
REG 0x1083, BIT 3
REG 0x1082, BITS[1:0]
REG 0x1082, BITS[4:2]
REG 0x1082, BITS[7:5]
REG 0x2100, BIT 1
REG 0x1081,
BITS[7:0]
REG 0x3100, BIT 3
REG 0x3014, BIT 2
REG 0x3014, BIT 3
Figure 100. APLL Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com