Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 147 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 147 Page - Analog Devices

Back Button AD9546 Datasheet HTML 143Page - Analog Devices AD9546 Datasheet HTML 144Page - Analog Devices AD9546 Datasheet HTML 145Page - Analog Devices AD9546 Datasheet HTML 146Page - Analog Devices AD9546 Datasheet HTML 147Page - Analog Devices AD9546 Datasheet HTML 148Page - Analog Devices AD9546 Datasheet HTML 149Page - Analog Devices AD9546 Datasheet HTML 150Page - Analog Devices AD9546 Datasheet HTML 151Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 147 of 205
REFERENCE SWITCHING
REFERENCE SWITCHING OVERVIEW
The AD9546 has a sophisticated reference switching mechanism
administered by an internal controller. In general, the DPLL
operates in closed-loop mode, wherein the DPLL locks to the
frequency and phase of a reference input signal. However, if a
reference becomes invalid, the AD9546 can automatically
switch to a different reference input, depending on how the
user programs translation profiles (see the Translation Profiles
section). In the absence of any valid references, the AD9546
switches to one of the two open-loop operating modes:
holdover or freerun. The DPLL selects freerun, holdover, or
manual/automatic source selection per the DPLL mode
selection flowchart of Figure 102. The three procedures in
Figure 102 (holdover, translation profile validation, and
priority-based translation profile selection) have separate flow
charts per Figure 103, Figure 104, and Figure 105, respectively.
The DPLL has three status indicators to notify the user when
the DPLL begins the switch to a new translation profile
(inferring a new reference input) or when the DPLL enters
freerun or holdover mode. These indicators reside in Bits[2:0]
of Register 0x3101 and Register 0x3201, as follows:
•
Bit 2: switching translation profiles
•
Bit 1: holdover mode
•
Bit 0: freerun mode
These indicators also inform corresponding IRQ status bits via
Bits[7:5] of Register 0x3011 and Register 0x3016, as follows:
•
Bit 7: switched translation profiles
•
Bit 6: entered freerun mode
•
Bit 5: entered holdover mode
Bit 7 latches to Logic 1 when the DPLL is in the process of
switching to an active translation profile. Bit 6 latches to Logic
1 when the DPLL enters freerun mode. Bit 5 latches to Logic 1
when the DPLL enters holdover mode. Because Bits[7:5] are
latched bits, the user must clear them via Bits[7:5] of Register
0x200C and Register 0x2011 to obtain visibility of subsequent
state transitions to reference switching, freerun, or holdover
(see the Interrupt Request (IRQ) section).
FORCED FREERUN MODE
Although the automatic reference switching capability of the
AD9546 can cause the DPLL to switch to freerun mode, the
user can force the DPLL to freerun mode by writing Logic 1 to
Bit 0 of Register 0x2105 (DPLL0) or Register 0x2205 (DPLL1).
In freerun mode, the DPLL operates open loop and produces a
static output frequency as dictated by the 46-bit freerun tuning
word in Register 0x1000 to Register 0x1005 (DPLL0) and
Register 0x1400 to Register 0x1405 (DPLL1). Refer to the
Freerun Tuning Word section for details.
FORCED HOLDOVER MODE
Although the automatic reference switching capability of the
AD9546 can cause the DPLL to switch to holdover mode, the
user can force the DPLL to holdover mode by writing Logic 1 to
Bit 1 of Register 0x2105 (DPLL0) or Register 0x2205 (DPLL1).
In holdover mode, like freerun mode, the DPLL operates open
loop and produces a static output frequency. However, the
DPLL uses one of three static tuning words dictated by the
tuning word history processor (see the Tuning Word History
section). Figure 103 shows a summary of the holdover tuning
word selection.
Note that freerun mode overrides holdover mode (see Figure 102).
Furthermore, freerun mode and holdover mode both override
the manual/automatic source selection modes (see the
Manual/Automatic Translation Profile Selection section).
MANUAL/AUTOMATIC TRANSLATION PROFILE
SELECTION
Assuming Bits[1:0] = 1 decimal in Register 0x2105 (DPLL0) or
Register 0x2205 (DPLL1), the DPLL selects a translation profile
based on Bits[3:2] of Register 0x2105 (DPLL0) or
Register 0x2205 (DPLL1). Bits[3:2] support four translation
profile selection modes per Table 91.
Table 91. DPLL Translation Profile Select Mode Settings
Bits[3:2]
(Decimal)
Description
0
Automatic, priority-based translation profile
selection
1
Manual translation profile selection with fallback
to priority-based translation profile selection
2
Manual translation profile selection with fallback
to holdover
3
Manual only translation profile selection
Manual Only Translation Profile Selection
The manual only translation profile selection mode in Table 91
(Bits[3:2] = 3 decimal) is not a recommended operating mode
because this setting includes several operational caveats.
Contact Analog Devices for application support on using the
manual only translation profile selection mode.
Manual Translation Profile Selection with Fallback to
Holdover
In the manual translation profile selection with fallback to
holdover mode (Bits[3:2] = 2 decimal), the user specifies a
particular translation profile for manual operation using
Bits[6:4] of Register 0x2105 (DPLL0) or 0x2205 (DPLL1). The
decimal value, y, of Bits[6:4] identifies the desired translation
profile, x.y (y is 0 to 5 and x is 0 or 1 for DPLL0 or DPLL1,
respectively). If the specified translation profile is not valid, the
DPLL switches to holdover operation (open loop). However,
depending on the status of the tuning word history processor
(see the Tuning Word History section), the DPLL may select
freerun operation instead of holdover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com