Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 146 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 146 Page - Analog Devices

Back Button AD9546 Datasheet HTML 142Page - Analog Devices AD9546 Datasheet HTML 143Page - Analog Devices AD9546 Datasheet HTML 144Page - Analog Devices AD9546 Datasheet HTML 145Page - Analog Devices AD9546 Datasheet HTML 146Page - Analog Devices AD9546 Datasheet HTML 147Page - Analog Devices AD9546 Datasheet HTML 148Page - Analog Devices AD9546 Datasheet HTML 149Page - Analog Devices AD9546 Datasheet HTML 150Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 146 of 205
APLL LOOP FILTER
The phase errors detected by the PFD drive the charge pump.
The charge pump transfers charge to the loop filter in proportion
to the amount of phase error. The loop filter stores the charge,
which creates a dc voltage that steers the VCO frequency in a
manner that nulls out the phase error.
The loop filter is a resistor and capacitor filter with a low-pass
response characteristic that serves three purposes.
•
Storage of charge originating from the charge pump
•
Attenuation of the high frequency components of the
phase error signal
•
Stabilization of the feedback loop
Figure 101 shows the loop filter schematic. Three of the
components (R1, R3, and C2) are programmable, allowing the
user to tailor the response of the loop filter. The two external
capacitors (3.9 nF and 220 nF) are connected to the LFx and
LDOx pins. These two components are necessary for proper
operation of the loop filter and the internal LDO, respectively.
FROM
CHARGE
PUMP
TO
VCO
R1
LFx
LDOx
220nF
C2
R3
30pF
AD9546
3.9nF
Figure 101. APLL Loop Filter
To program R1, C2 and R3 use Register 0x1082 (for APLL0)
and Register 0x1482 (for APLL1). Bits[7:5] (unsigned) control
R1, Bits[4:2] (unsigned) control C2, and Bits[1:0] (unsigned)
control R3. Table 90 shows how the decimal value of the bit
fields that select R1, C2 and R3 relate to the physical loop filter
component value.
Table 90. APLL Loop Filter Component Values
Bit Field Value
(Decimal)
R1 (Ω)
C2 (pF)
R3 (Ω)
0
0
8 (default)
200 (default)
1
250
24
250
2
500
40
333
3
750
56
500
4
1000
72
n/a
5
1250
88
n/a
6
1500
104
n/a
7
1750 (default)
120
n/a
In general, the default filter settings yield optimal performance.
Although altering the response of the APLL loop filter is not
necessary, the user can contact Analog Devices for assistance
with determining alternative component values for the APLL
loop filter to tailor the response to specific requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com