Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 133 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 133 Page - Analog Devices

Back Button AD9546 Datasheet HTML 129Page - Analog Devices AD9546 Datasheet HTML 130Page - Analog Devices AD9546 Datasheet HTML 131Page - Analog Devices AD9546 Datasheet HTML 132Page - Analog Devices AD9546 Datasheet HTML 133Page - Analog Devices AD9546 Datasheet HTML 134Page - Analog Devices AD9546 Datasheet HTML 135Page - Analog Devices AD9546 Datasheet HTML 136Page - Analog Devices AD9546 Datasheet HTML 137Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 133 of 205
TUNING WORD OFFSET CLAMP
The DPLL contains a frequency clamp that places bounds on
the frequency range of the DPLL output. The frequency clamp
feature (see Figure 95) is beneficial for applications in which
downstream devices cannot tolerate frequencies beyond
prescribed limits.
The clamp feature uses Bits[23:0] (unsigned) in Register 0x1006
to Register 0x1008 (for DPLL0) and Register 0x1406 to
Register 0x1408 (for DPLL1), which constitutes the frequency
clamp value. The frequency clamp feature is always active.
However, the default value of the frequency clamp is the
maximum clamp value, which establishes a default frequency
clamp limit of approximately ±586 kHz (for a system clock
frequency of 2.4 GHz). Given a 320 MHz NCO output
frequency, a 586 kHz frequency clamp equates to an offset of
approximately 1800 ppm (or 0.18%).
The frequency offset, fCLAMP, defines an upper and lower
frequency bound as a deviation from the frequency given by the
freerun tuning word of the DPLL. The relationship between
fCLAMP, the system clock frequency (fS), and the frequency clamp
value is as follows:
fCLAMP = Frequency clamp value × (fS/236)
For example, given a system clock frequency of 2.4 GHz and a
desired frequency offset clamp limit of ±10 kHz (that is,
fS = 2.4 × 109 and fCLAMP = 104), find the frequency clamp value.
Solving the fCLAMP equation for the frequency clamp value,
Frequency clamp value = 236 × fCLAMP/fS
(22)
= 236 × 104/(2.4 × 109)
= 286,331 (nearest integer)
= 0x 04 5E7B (hexadecimal)
In some cases, it is more useful to specify fCLAMP as a fractional
offset of the NCO output frequency (in percent or parts per
million, for example).
For example, given a system clock frequency of 2.4 GHz, an
NCO output frequency of 250 MHz and a desired frequency
offset clamp limit of 25 ppm (25 × 10−6), find the frequency
clamp value. First, determine fCLAMP as follows:
fCLAMP = 25 × 10−6 × 250 MHz
= 6250 Hz
Next, substitute fCLAMP into Equation 22.
Frequency Clamp Value = 236 × fCLAMP/fS
= 236 × 6250/(2.4 × 109)
= 178,957 (nearest integer)
= 0x 02 BB0D (hexadecimal)
When the frequency clamping circuitry is actively clamping the
frequency, status Bit 1 is Logic 1 in Register 0x3102 (for DPLL0)
and Register 0x3202 (for DPLL1). Bit 1 relates to the IRQ
function (see the Interrupt Request (IRQ) section) through
Bit 6 and Bit 7 (frequency clamp active and inactive, respectively)
in Register 0x3010 (for DPLL0) and Register 0x3015 (for
DPLL2). Because Bit 6 and Bit 7 are latched, the user must use
Bit 6 and Bit 7, respectively, of Register 0x200B (for DPLL0)
and Register 0x2010 (for DPLL1) to clear the latched state.
Otherwise, the user cannot observe subsequent state transitions
of Bit 1.
DIGITAL
PHASE
DETECTOR
DIGITAL
LOOP
FILTER
SYSTEM
CLOCK
NUMERIC
COEFFICIENTS
NCO
LOCK
DETECTORS
FTW
PROCESSOR
46
24
LOOP
CONTROLLER
XOA XOB
AD9546
TDC
TDC
48-BIT
FTW
FREERUN TUNING WORD
DIGITAL CROSS
POINT MUX
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
2. REGISTER ADDRESSES ARE SPECIFIC TO DPLL0
N DIVIDER
REG 0x1005 TO 0x1000, BITS[45:0]
REG 0x1008 TO 0x1006, BITS[23:0]
Figure 95. Tuning Word Offset Clamp Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com