Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 132 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 132 Page - Analog Devices

Back Button AD9546 Datasheet HTML 128Page - Analog Devices AD9546 Datasheet HTML 129Page - Analog Devices AD9546 Datasheet HTML 130Page - Analog Devices AD9546 Datasheet HTML 131Page - Analog Devices AD9546 Datasheet HTML 132Page - Analog Devices AD9546 Datasheet HTML 133Page - Analog Devices AD9546 Datasheet HTML 134Page - Analog Devices AD9546 Datasheet HTML 135Page - Analog Devices AD9546 Datasheet HTML 136Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 132 of 205
DPLL PHASE OFFSET CONTROL
In general, the feedback loop of the DPLL (like the APLL) tends
to force the average phase offset between the two inputs of the
digital phase detector to zero (see Figure 94). As a result, assuming
Integer N operation (that is, the N divider is not fractional), the
DPLL input and output signals are edge aligned (or exhibit a
constant time offset due to path latency).
The AD9546 DPLLs provide the ability to impose a programma-
ble time offset (tOFST) between the input and feedback signals by
means of a summing node at the feedback input of the digital
phase detector. To insert a time offset, use Bits[39:0] (signed) of
Register 0x1015 to Register 0x1019 (for DPLL0) and Register
0x1415 to Register 0x1419 (for DPLL1). The value of Bits[39:0]
has units of ps.
Two other sources for applying a phase offset also feed the
summing node (not explicitly shown in Figure 94). One is via
the source profiles (see the Skew Adjustment section of the
Source Profiles section), and the other is via the delay compens-
ation feature (see the Delay Compensation section).
Because the DPLL feedback loop results in an average offset of
zero between the two inputs of the digital phase detector, tOFST
translates to the DPLL output with the polarity shown in Figure 94.
The signed nature of Bits[39:0] allows the user to advance or
delay the DPLL output signal relative to its input. A positive
value for tOFST delays the output signal relative to the input signal.
That is, the output edge occurs later. Conversely, a negative value
advances the output signal relative to the input signal. Therefore,
the output edge occurs earlier.
The relationship between tOFST (sec) and the programmed value
for the DPLL phase offset (Bits[39:0]) is
DPLL Phase Offset = tOFST/10−12
For example, find the value of the DPLL phase offset necessary
to advance the output signal by 75 ns (that is, tOFST = −75 ns).
DPLL Phase Offset = (−75 × 10−9)/10−12
= −75,000
= 0x FF FFFE DB08 (hexadecimal)
DIGITAL
PHASE
DETECTOR
DIGITAL
LOOP
FILTER
SYSTEM
CLOCK
NUMERIC
COEFFICIENTS
NCO
LOCK
DETECTORS
FTW
PROCESSOR
46
LOOP
CONTROLLER
XOA XOB
AD9546
TDC
TDC
48-BIT
FTW
FREERUN TUNING WORD
DIGITAL CROSS
POINT MUX
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
2. REGISTER ADDRESSES ARE SPECIFIC TO DPLL0
40
PHASE OFFSET
N DIVIDER
0
tOFST
REG 0x1019 TO 0x1015, BITS[39:0]
REG 0x1005 TO 0x1000, BITS[45:0]
Figure 94. DPLL Phase Offset Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com