Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 130 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 130 Page - Analog Devices

Back Button AD9546 Datasheet HTML 126Page - Analog Devices AD9546 Datasheet HTML 127Page - Analog Devices AD9546 Datasheet HTML 128Page - Analog Devices AD9546 Datasheet HTML 129Page - Analog Devices AD9546 Datasheet HTML 130Page - Analog Devices AD9546 Datasheet HTML 131Page - Analog Devices AD9546 Datasheet HTML 132Page - Analog Devices AD9546 Datasheet HTML 133Page - Analog Devices AD9546 Datasheet HTML 134Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 130 of 205
For example, given a system clock frequency of 2.3 GHz and a
desired NCO output frequency of 245.76 MHz, solve the fNCO
equation for FTW0 to yield the following value of the freerun
tuning word:
FTW0 = 248 × (fNCO/fS)
(21)
= 248 × (245.76 × 106/(2.3 × 109))
= 30,076,213,163,657 (nearest integer)
= 0x 1B5A AA00 7689 (hexadecimal)
Although the tuning resolution of the NCO is 48 bits, the
freerun tuning word is only 46 bits because, under all normal
operating conditions, the two most significant bits of the freerun
tuning word calculation (see Equation 21) are Logic 0. Therefore,
even though the NCO tuning word is 48 bits, the freerun
tuning word uses only the 46 LSBs of the NCO tuning word.
The value of freerun tuning word must satisfy the constraints
imposed by the NCO SDM (see the DPLL NCO section).
DPLL FAST ACQUISITION OPTIONS
Fast Acquisition Overview
Certain applications necessitate low loop bandwidths less than
1 Hz (for example, an application where the input reference to
the DPLL originates from a GPS/GNSS receiver with a 1 pulse
per second output). A 1 Hz reference requires a loop bandwidth
much less than 1 Hz, which can lead to frequency acquisition and
phase lock times in the range of minutes to hours.
To overcome the long acquisition time imposed by a sub 1 Hz
loop bandwidth, the AD9546 provides a built in fast acquisition
feature that greatly reduces the lock time of the DPLL. The fast
acquisition feature automatically changes the DPLL loop filter
bandwidth in a controlled manner. When the fast acquisition
feature is active (see the Fast Acquisition Bandwidth Control
section) the fast acquisition controller uses the following
features to control the fast acquisition process:
•
DPLL loop bandwidth
•
Fast acquisition excess bandwidth
•
Fast acquisition lock settle time
•
Fast acquisition timeout
The controller begins the fast acquisition process by applying a
user defined excess bandwidth factor to the specified DPLL loop
filter bandwidth (see the DPLL Loop Filter Bandwidth section in
the DPLL Loop Filter section). The controller then successively
reduces the excess bandwidth until it reaches the specified DPLL
loop filter bandwidth. At each step in the bandwidth reduction
process, however, the controller waits for the DPLL phase
detector to indicate lock status before moving on to the next
step (note the fast ACQ x functional blocks in Figure 90).
Fast Acquisition Status Indicators
While the fast acquisition controller is in the process of
performing a fast acquisition, status Bit 4 is Logic 1 in
Register 0x3102 (for DPLL0) and Register 0x3202 (for DPLL1).
Bit 4 relates to the IRQ function (see the Interrupt Request
(IRQ) section) through Bit 2 (fast acquisition started) and Bit 3
(fast acquisition completed) in Register 0x3012 (for DPLL0)
and Register 0x3017 (for DPLL1). Because Bit 2 and Bit 3 are
latched, the user must use Bit 2 and Bit 3, respectively, of
Register 0x200D (for DPLL0) and Register 0x2012 (for DPLL1) to
clear the latched state. Otherwise, the user cannot observe
subsequent state transitions of Bit 4.
Fast Acquisition Bandwidth Control
The fast acquisition feature is active when the user sets the fast
acquisition excess bandwidth parameter to a nonzero value.
The fast acquisition excess bandwidth parameter is Bits[3:0]
(unsigned integer) in the appropriate translation profile at the
start address shown in Table 74 plus an offset of 22 (decimal).
When the fast acquisition excess bandwidth parameter is
nonzero, the fast acquisition controller uses the fast acquisition
excess bandwidth parameter value to define the maximum
starting loop bandwidth (BW0) as follows:
BW0 = DPLL Loop Bandwidth × 2 fastacquisitionexcessbandwidthparameter
For example, given a DPLL loop bandwidth of 0.0001 Hz
(100 µHz) and a fast acquisition excess bandwidth parameter
value of 9, find the value of BW0 as follows:
BW0 = DPLL Loop Bandwidth × 2 fastacquisitionexcessbandwidthparameter
= 0.0001 Hz × 29
= 0.0512 Hz
In the preceding example, when the DPLL begins the signal
acquisition process, the starting loop bandwidth for the fast
acquisition sequence is 512 times wider than the final value.
After the DPLL acquires phase lock, the fast acquisition
controller tightens the loop bandwidth by a factor of two and
waits for phase lock. This bandwidth tightening process repeats
until the loop bandwidth reaches the specified DPLL loop
bandwidth. By using wider loop bandwidths during the signal
acquisition process, the fast acquisition feature achieves frequency
and phase lock much quicker than normal DPLL operation
without the fast acquisition feature.
The phase lock characteristic of the loop is subject to the DPLL
lock detector settings (see the DPLL Lock Detectors section).
Fast Acquisition Settling Time Control
Because each step in the fast acquisition process relies on phase
lock indication to proceed to the next step, the phase lock
indication must not chatter. That is, a noisy reference can cause
the phase lock indicator to switch intermittently between lock
and unlock until the loop settles to a stable lock condition. If
the lock indicator chatters, the chatter can cause the fast
acquisition controller to advance prematurely.
To help minimize the effect of a chattering phase lock indication,
the fast acquisition controller allows the user to specify a lock
indication settling time via Bits[2:0] (unsigned integer) in the
appropriate translation profile at the start address shown in
Table 74 plus an offset of 23 (decimal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com