Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 152 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 152 Page - Analog Devices

Back Button AD9546 Datasheet HTML 148Page - Analog Devices AD9546 Datasheet HTML 149Page - Analog Devices AD9546 Datasheet HTML 150Page - Analog Devices AD9546 Datasheet HTML 151Page - Analog Devices AD9546 Datasheet HTML 152Page - Analog Devices AD9546 Datasheet HTML 153Page - Analog Devices AD9546 Datasheet HTML 154Page - Analog Devices AD9546 Datasheet HTML 155Page - Analog Devices AD9546 Datasheet HTML 156Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 152 of 205
TRANSLATION PROFILE
VALIDATION PROCEDURE
YES
NO
REG 0x3001,
BIT 1
= 1?
TRANSLATION
PROFILE 0.2
ENABLED?
NO
REG 0x1240,
BIT 0
= 1?
REG 0x3100,
BIT 5
= 1?
REG 0x3020,
BIT 4
= 1?
REG 0x3201,
BIT 0
= 1?
REG 0x1243,
BIT 0
= 0?
REG 0x1243,
BIT 1
= 0?
REG 0x3100,
BIT 3
REG 0x1241,
BITS[4:0]
= 1?
SYSTEM CLOCK
STABLE?
VALID
INVALID
APLL0
CALIBRATED?
NO
APLL0
LOCKED?
NO
REFA, REFAA,
REFB, REFBB,
Aux REF0, REF1,
REF2, REF3
OR IUTS0/IUTS1?
NO
0 TO 3,6,7,
11 TO 14?
=
REG 0x1241,
BITS[4:0]
REG 0x1241,
BITS[4:0]
8 OR 9?
=
AUX NCO
0 OR 1?
NO
DPLL1
FEEDBACK?
NO
= 5?
DPLL1
FREERUN?
NO
DPLL1
HOLDOVER?
NO
APLL1
CALIBRATED?
NO
APLL1
LOCKED?
NO
YES
YES
YES
YES
YES
YES
YES
YES
YES
AUX REF1
VALID?
NO
YES
REFERENCE SOURCE VALIDATION
EXAMPLE
EXAMPLE
NO
YES
TRANSLATION
PROFILE 0.2
BUILDOUT
EXAMPLE
NO
YES
TRANSLATION PROFILE
0.2 HITLESS
EXAMPLE
YES
YES
NO
TRANSLATION PROFILE 0.2
EXTERNAL ZERO DELAY
NO
NO
EXAMPLE
TRANSLATION PROFILE 0.2
INTERNAL ZERO DELAY
EXAMPLE
ENTER
EXIT
0.2
DISTRIBUTION
FEEDBACK PATH
SYNCED (OR SYNC REQUEST
AWAITING TRIGGER)?
DISTRIBUTION
FEEDBACK CHANNEL NOT
POWERED DOWN?
YES
EXTERNAL
ZERO DELAY
REFERENCE SOURCE
VALID?
NOTES
1. A RANGE OF ADDRESSES OR BITS USES A COLON SEPARATOR
2. REGISTER ADDRESSES ARE SPECIFIC TO DPLL0, TRANSLATION PROFILE 0.2 (EXAMPLE), AND AUXILIARY REF1 (EXAMPLE)
REG 0x3201,
BIT 1
= 1?
REG 0x3200,
BIT 5
= 1?
REG 0x3200,
BIT 3
= 1?
YES
Figure 104. Flowchart for Translation Profile Validation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com