Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 154 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 154 Page - Analog Devices

Back Button AD9546 Datasheet HTML 150Page - Analog Devices AD9546 Datasheet HTML 151Page - Analog Devices AD9546 Datasheet HTML 152Page - Analog Devices AD9546 Datasheet HTML 153Page - Analog Devices AD9546 Datasheet HTML 154Page - Analog Devices AD9546 Datasheet HTML 155Page - Analog Devices AD9546 Datasheet HTML 156Page - Analog Devices AD9546 Datasheet HTML 157Page - Analog Devices AD9546 Datasheet HTML 158Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 154 of 205
TIME TO DIGITAL CONVERTER (TDC)
TDCs are at the core of the DPLL technology in the AD9546.
The purpose of a TDC is to continuously observe a clock signal,
note the occurrence of an edge transition, and generate a digital
time stamp identifying when the edge occurred.
Because a TDC effectively digitizes rising edge clock events by
means of time stamps, it enables digital (that is, numeric)
processing of clock signals. In a conventional PLL, for example,
a PFD circuit measures the relative phase of the reference and
feedback signals and provides an analog representation of the
phase difference. Instead of an analog representation of the
phase difference, the AD9546 uses a pair of TDCs (one in the
reference path and one in the feedback path) to generate
reference and feedback time stamps, constituting a numeric
representation of the phase difference. With phase information
in numeric form, the AD9546 implements the entire PLL
function digitally by employing a numeric PFD, digital loop
filter and an NCO.
Figure 106 shows a simplified diagram of a TDC. The TDC has
a time base clock (which gives the TDC its sense of time), an
input clock (the signal in question), and an output consisting of
numeric time stamps.
TIME STAMPS
ONE PER INPUT
CLOCK EDGE EVENT
TIME BASE CLOCK
INPUT CLOCK
TDC
Figure 106. TDC Diagram
The AD9546 contains 10 TDCs.
•
Four at the output of the reference dividers associated with
the four reference inputs
•
Four at the output of the reference dividers associated with
the auxiliary reference inputs
•
Two associated with the two DPLLs at the output of the
feedback divider
Each TDC produces digital time stamps identifying each rising
edge of its input clock. That is, the TDCs generate time stamps
at a rate commensurate with their respective input clock period.
The user must, however, ensure the TDC input clock rate is
within the specified range of 1 Hz to approximately 200 kHz.
The TDC time stamps derive from an internal time base that
originates with the device system clock. As such, the TDCs
benefit from the ability of the AD9546 to provide system clock
compensation, assuming the user activates system clock
compensation via Register 0x0280 to Register 0x0282 (see the
System Clock Compensation section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com