Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 158 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 158 Page - Analog Devices

Back Button AD9546 Datasheet HTML 154Page - Analog Devices AD9546 Datasheet HTML 155Page - Analog Devices AD9546 Datasheet HTML 156Page - Analog Devices AD9546 Datasheet HTML 157Page - Analog Devices AD9546 Datasheet HTML 158Page - Analog Devices AD9546 Datasheet HTML 159Page - Analog Devices AD9546 Datasheet HTML 160Page - Analog Devices AD9546 Datasheet HTML 161Page - Analog Devices AD9546 Datasheet HTML 162Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 158 of 205
USER TIME STAMP
PROCESSOR 0
(UTSP 0)
REFERENCE
TDCS
DIGITAL CROSS
POINT MUX
CLOCK SOURCE
(DERIVED FROM SYSTEM CLOCK)
USER TIME
STAMP SOURCE 0
TIME
STAMPS
AUXILIARY NCOS
USER TIME STAMP
PROCESSOR 1
(UTSP 1)
USER TIME
STAMP SOURCE 1
AUX NCO 0
TIME SCALE
AUXILIARY
REFERENCE TDCS
DPLL FEEDBACK
TDCS
LOCAL TIME SCALE
INVERSE
USER TIME
STAMPERS (IUTS)
8
80
REG 0x3A1D TO 0x3A14, BITS[79:0]
REG 0x3A2B, BIT 0
REFERENCE
TIME SCALE
FOR UTSP 1
80
80
80
80
LOCAL TIME SCALE
REFERENCE TIME
SCALE FOR UTSP 0
80
80
80
80
AUX NCO 1
TIME SCALE
AUX NCO 0 TIME SCALE
AUX NCO 1 TIME SCALE
AUX NCO 0 TIME SCALE
AUX NCO 1 TIME SCALE
TIME STAMP SOURCES
NOTE
1. A RANGE OF BITS USES A COLON SEPARATOR
TIME
STAMPS
TIME
STAMPS
TIME
STAMPS
TIME
STAMPS
REG 0x3A29 TO 0x3A20, BITS[79:0]
REG 0x3A2A, BITS[7:0]
REG 0x300F, BIT 3
REG 0x2A13, BITS[7:6]
REG 0x3A1F, BIT 0
REG 0x3A1E, BITS[7:0]
REG 0x300F, BIT 2
8
80
REG 0x2A13, BIT 5
REG 0x2A12, BIT 5
REG 0x2A12, BITS[4:0]
REG 0x2A12, BITS[7:6]
REG 0x2A13, BITS[4:0]
Figure 107. User Time Stamp Processors
INTERPRETING USER TIME STAMPS
The outputs of the UTSPs comprise 80-bit words with the least
significant bit weighted as 2−40. The units associated with a time
stamp converted by a UTSP depends on the selected time scale.
Specifically, the 80-bit user time stamp consists of a 40-bit
integer part (the 40 leftmost bits) and a 40-bit fractional part
(the 40 rightmost bits), as shown in Figure 108. Each count of
the integer part represents one period of the selected time scale.
The 40 fractional bits represent the fractional part of one period
of the selected time scale with a resolution of 2−40.
0
79
40 39
...
...
80-BIT USER TIME STAMP
2–40
INTEGER PART
FRACTIONAL PART
DECIMAL
POINT
Figure 108. User Time Stamp
For example, assume the 80-bit word is the hexadecimal
number, 0x 0000 0000 B10E 04F0 07C1, in which case the
decimal equivalent is 194,673,770,497,985.
Because the scale of the fractional part is 2−40, the time stamp
value (rounded to 10 decimal places) is
Time Stamp Value = 194,673,770,497,985 × 2−40
= 177.05476284207634307676926255226
= 177.0547628421
This time stamp value represents periods of the selected time
scale.
For example, suppose the selected time scale is auxiliary
NCO 0, which the user had programmed with a frequency of
10052.630025 Hz (corresponding to a period of
99.476455167760936272992897696939 μs). Thus, the time
associated with the example time stamp (177.0547628421) is
the time stamp value multiplied by the period of selected time
scale (99.476455167760936272992897696939 μs), which is
0.017612780178 sec (rounded to the nearest ps). That is, the
time stamp in this example indicates a time of approximately
17.6 ms.
Time stamps have a meaningful resolution of approximately
1 ps. Thus, digits in a time stamp calculation representing less
than 1 ps must be ignored.
In a digitized clocking application, the AD9546 produces a local
time scale. Because the local time scale advances at a rate
commensurate with external time keeping (rather than based
on periods of a programmed frequency as with the auxiliary
NCOs), the local time scale is better suited for relating time
stamps to external time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com