Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 161 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 161 Page - Analog Devices

Back Button AD9546 Datasheet HTML 157Page - Analog Devices AD9546 Datasheet HTML 158Page - Analog Devices AD9546 Datasheet HTML 159Page - Analog Devices AD9546 Datasheet HTML 160Page - Analog Devices AD9546 Datasheet HTML 161Page - Analog Devices AD9546 Datasheet HTML 162Page - Analog Devices AD9546 Datasheet HTML 163Page - Analog Devices AD9546 Datasheet HTML 164Page - Analog Devices AD9546 Datasheet HTML 165Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 161 of 205
As such, the processor requires a minimum of N samples to
compute the desired average, after which the processor
continues to update the average one sample at a time. The skew
measurement processor provides the user with an indication
that it has captured the first block of N samples by setting Bit 7
of Register 0x3A33 (for an offset measurement) or
Register 0x3A3B (for a drift measurement).
Bit 7 is Logic 0 for the first N − 1 measurements in a sequence
and Logic 1 for the Nth measurement. As such, when the user
reads the result of a skew offset or skew drift measurement, the
value is a fully averaged result if Bit 7 (associated with the
measurement type: offset or drift) is Logic 1. When Bit 7 is
Logic 0, offset or drift readings captured exhibit incomplete
averaging but are still useable. However, the variance of the
results is greater than for a fully averaged measurement.
Unlike the results from the UTSPs, the skew measurement
processor results are in absolute units of picoseconds. To access
the time skew measurement processor results, use the skew offset
and skew drift bit fields (Register 0x3A2C to Register 0x3A33
and Register 0x3A34 to Register 0x3A3B, respectively).
The result of a skew offset measurement appears in Bits[61:0]
(signed, twos complement) of Register 0x3A2C to
Register 0x3A33 and notification that a measurement is ready
appears as an IRQ in Bit 4 of Register 0x300F. The decimal
value of Bits[61:0] constitute time in units of 2−16 ps (a range of
approximately ±35 sec). Skew offset measurements assume the
reference and target sources are of nearly the same frequency.
That is, skew is meaningless for two sources with differing
frequency, because the skew constantly drifts in such a case.
The skew measurement processor measures skew relative to the
assigned skew reference source (the processor computes a
coarse average of the reference period). The skew measurement
processor determines the polarity of the skew offset
measurement by considering a time window spanning ±½ unit
interval (UI), where 1 UI is the measured period of the
reference source. A negative value means time stamps from the
target source lead time stamps from the reference source by as
much as ½ UI, whereas a positive value means time stamps
from the target source lag time stamps from the reference
source by as much as ½ UI. Note that jitter can affect the
polarity of the skew measurement result.
For example, consider a 62-bit skew offset reading of 0x 3FFF
FFF8 A673 24B5 (hexadecimal), which is −31,567,174,475
decimal. To find the skew offset time, scale the decimal value by
2−16 ps, which results in −481,676.8566131591796875 ps. The
negative sign implies the target source leads the reference
source by approximately 482 ns.
The result of a skew drift measurement appears in Bits[61:0]
(signed, twos complement) of Register 0x3A34 to
Register 0x3A3B. The decimal value of Bits[61:0] has units of
2−16 picoseconds per unit interval (ps/UI). That is, the value is
relative to the measured period of the reference source. Skew
drift is a measure of the rate at which the skew offset varies
cycle by cycle.
For example, consider two signals with a nominal frequency of
100 Hz. A skew drift reading of 0x 3FFF FFF8 A673 24B5
(hexadecimal) is −31,567,174,475 decimal. To find the skew
drift, scale the decimal value by 2−16, which results in
−481,676.8566131591796875 ps/UI. Because the reference
period is 10 ms (1/100 Hz), the result indicates the target source
period is decreasing 482 ns every 10 ms, implying a frequency
offset of −48.2 ppm (−482 ns/10 ms = −48.2 × 10−6).
Two signals with the same frequency have no drift and must
yield a drift measurement of zero. However, a frequency
difference that is too great can exceed the limits of the skew
processor, which is 1/16th UI. Upon reaching this limit, the
skew measurement processor sets the status Bit 5 of Register
0x300C to Logic 1.
TAGGED SKEW MEASUREMENT TIME STAMPS
The skew measurement processor can operate on tagged time
stamps from the various time stamp sources shown in
Figure 109. When the selected skew reference and/or skew
measurement time stamp source is generating tagged time
stamps, the user can program the skew measurement processor
to only pay attention to the tagged time stamps, while ignoring
untagged time stamps. To enable tagged skew reference time
stamp processing, program Bit 5 of Register 0x2A15 to Logic 1.
To enable tagged skew target time stamp processing program
Bit 5 of Register 0x2A16 to Logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com