Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 165 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 165 Page - Analog Devices

Back Button AD9546 Datasheet HTML 161Page - Analog Devices AD9546 Datasheet HTML 162Page - Analog Devices AD9546 Datasheet HTML 163Page - Analog Devices AD9546 Datasheet HTML 164Page - Analog Devices AD9546 Datasheet HTML 165Page - Analog Devices AD9546 Datasheet HTML 166Page - Analog Devices AD9546 Datasheet HTML 167Page - Analog Devices AD9546 Datasheet HTML 168Page - Analog Devices AD9546 Datasheet HTML 169Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 165 of 205
ensure that the internally generated time stamps precisely mark
the zero-crossing point of the accumulator.
The internal time stamps generated by the auxiliary NCO relate
to the internal time scale of the AD9546.
Because the internal time stamps truly mark the rollover period
of the auxiliary NCO accumulator as well as relate to the
internal time scale, the time stamps can serve as an input
reference source to either of the DPLLs. This feature allows the
AD9546 to have a completely self contained reference source to
the DPLLs (that is, no external reference source required).
Because the auxiliary NCO time stamps are an available
reference source, the user has access to them through the
UTSPs (see the User Time Stamp Processor (UTSP) section).
For example, suppose the user programs auxiliary NCO 0 for
fAUX = 5 kHz. To read the time stamps from auxiliary NCO 0,
the user can program UTSP 0 to use auxiliary NCO 0 as both a
time stamp source and as a time scale for UTSP 0. Then,
reading the first time stamp yields a reference value related to
the time scale of auxiliary NCO 0. However, the next time
stamp has a value of 1 unit greater than the first, because the
time scale has units of 200 μs (per fAUX). Unfortunately, this
method of time stamp conversion by UTSP 0 is not conducive
to external use.
However, by relating the time stamps to an appropriate time
scale, the time stamp conversion can become meaningful. To
do so, program auxiliary NCO 1 for fAUX = 1 Hz. Because fAUX =
1 Hz the time scale for auxiliary NCO 1 carries units of 1 sec.
Next, program UTSP 0 to use the time scale from auxiliary
NCO 1 instead of the time scale from auxiliary NCO 0 (but
keep auxiliary NCO 0 as the time stamp source to UTSP 0).
Then, reading the first time stamp yields a reference value
(related to the time scale of auxiliary NCO 1) and the next time
stamp corresponds to a value precisely 200 μs later than the
first with subpicosecond precision.
AUXILIARY NCO PULSE OUTPUT
In addition to generating time stamps, the auxiliary NCOs also
produce a physical output signal (see Figure 111). The output
signal is effectively a single pulse commensurate with the
rollover of the internal phase accumulator of the auxiliary
NCO. The auxiliary NCO quantizes the pulse timing such that
the peak-to-peak pulse jitter is approximately 1.4 ns.
The user can route the output pulse signal to any one of the Mx
pins by defining the desired Mx pin as an output and selecting
the desired auxiliary NCO as the output source (see the Status
and Control Pins section).
The user programs the duration of the pulse via a significand
(S) value and exponent (E) value. To program S, use Bits[3:0] of
Register 0x281E (for auxiliary NCO 0) and Register 0x285E (for
auxiliary NCO 1). To program E, use Bits[7:4] of the same
registers.
Pulse Width = (1/fACCUM) × (1 + S × 2(E + 5))
For example, given fS = 2.4 GHz, S = 6, and E = 2, then
Pulse Width = (1/fACCUM) × (1 + S × 2(E + 5))
= (96/fS) × (1 + 6 × 2(2 + 5))
= (96/(2.4 × 109)) × (1 + 6 × 2(2 + 5))
= (96/(2.4 × 109)) × (1 + 6 × 27)
= 30.76 μs
However, given a desired pulse duration (tP), one must
determine the appropriate E and S values for a given system
clock PLL VCO frequency (fS). To do so, let
K = (tP × fS)/3072 – 1/32
Next, determine E as
E = ceil(log(K/15)/log(2))
where:
0 ≤ E ≤ 15.
E = ceil(x) means E = x if x is an integer. Otherwise, E is the
nearest integer to x in the positive direction.
Finally, determine S as
S = round(K/2E)
where:
0 ≤ S ≤ 1.
round(x) means round x to the nearest integer.
When the computation of E or S yields a result outside the
specified range, use the appropriate limit. For example, if the
computation of E yields a result of –2, then use E = 0.
The K, E, and S values for tP = 100 μs and fS = 2.4 GHz are K =
78.09375, E = 3, and S = 10.
E = 3 and S = 10 are within their respective range limits.
Because E and S must be integers, the resulting pulse duration
is quantized. Given the K, E, and S results for a desired pulse
period of tP = 100 μs, the actual pulse period is
tP = (96/fS) × (1 + S × 2(E + 5))
= 102.44 μs
Because the output frequency (fAUX) of the auxiliary NCO and
the output pulse width (tP) are independently programmable
parameters, the user must ensure
tP ≤ 1/fAUX
Although the user has the option of generating pulses
commensurate with tagged time stamps (see the Tagged
Auxiliary NCO Time Stamps section), the tP ≤ 1/fAUX limit on tP
still applies (that is, based on fAUX and not the tag frequency).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com