Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 167 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 167 Page - Analog Devices

Back Button AD9546 Datasheet HTML 163Page - Analog Devices AD9546 Datasheet HTML 164Page - Analog Devices AD9546 Datasheet HTML 165Page - Analog Devices AD9546 Datasheet HTML 166Page - Analog Devices AD9546 Datasheet HTML 167Page - Analog Devices AD9546 Datasheet HTML 168Page - Analog Devices AD9546 Datasheet HTML 169Page - Analog Devices AD9546 Datasheet HTML 170Page - Analog Devices AD9546 Datasheet HTML 171Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 167 of 205
TEMPERATURE SENSOR
THRESHOLD
DETECTOR
16
16
TO SYSTEM CLOCK
COMPENSATION
TO DPLL0 DELAY
COMPENSATION
TO DPLL1 DELAY
COMPENSATION
IRQ MAP
TEMPERATURE
SENSOR
1
0
1
0
1
0
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
16
16
16
16
16
REG 0x2902, BIT 2
REG 0x2902, BIT 1
REG 0x2902, BIT 0
REG 0x2901 TO 0x2900, BITS[15:0]
REG 0x2904 TO 0x2903, BITS[15:0]
REG 0x3004 TO 0x3003, BITS[15:0]
REG 0x2906 TO 0x2905, BITS[15:0]
REG 0x300C, BIT 4
REG 0x3002, BIT 0
Figure 112. Temperature Sensor Block Diagram
TEMPERATURE SENSOR OVERVIEW
Figure 112 shows a block diagram of the temperature sensor
and supporting circuitry. Three AD9546 functional blocks have
the capability of using temperature values.
System clock compensation
DPLL0 delay compensation
DPLL1 delay compensation
Each of these functional blocks can receive temperature values
from two sources.
The internal temperature sensor (default)
Bits[15:0] of Register 0x2900 to Register 0x2901
TEMPERATURE SOURCE SELECTION
The user selects the desired temperature source for each of the
temperature compensation functional blocks via Bits[2:0] of
Register 0x2902. Bit 0 controls the routing of the temperature
source to the system clock compensation block (see the
Compensation Method 1 section). Bit 1 and Bit 2 control the
routing of the temperature source to the delay compensation
block of DPLL0 and DPLL1, respectively, (see the Delay
Compensation section). For Bits[2:0], Logic 0 (default) selects
the internal temperature sensor, whereas Logic 1 selects the
external temperature source (see the External Temperature
Source section).
INTERNAL TEMPERATURE SENSOR
The AD9546 has an internal temperature sensor with a digital
output (see Figure 112). The sensor reflects the temperature of
the silicon die, which the user can read via Bits[15:0] of Register
0x3003 to Register 0x3004. The temperature sensor indicates
temperature as a 16-bit signed (twos complement) number
scaled by 2−7, as shown in Figure 113. This format provides a
range of ±256°C with 0.0078°C resolution.
0
15
7
6
...
...
2–7
INTEGER PART
FRACTIONAL
PART
DECIMAL
POINT
16-BIT TEMPERATURE
Figure 113. Temperature Format
The sensor samples at approximately 25 MHz and performs a
212-sample average, providing updates at a rate of
approximately 6.1 kHz. The intent of the temperature sensor is
for tracking temperature variation rather than providing a
measure of absolute temperature.
Given internal temperature = 0x118D (4493 decimal), find the
corresponding temperature, T.
T = 4493 × 2−7°C
= 35.1015625°C
Given internal temperature = 0xF833 (−1997 decimal),
T = −1997 × 2−7°C
= −15.6015625°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com