Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 163 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 163 Page - Analog Devices

Back Button AD9546 Datasheet HTML 159Page - Analog Devices AD9546 Datasheet HTML 160Page - Analog Devices AD9546 Datasheet HTML 161Page - Analog Devices AD9546 Datasheet HTML 162Page - Analog Devices AD9546 Datasheet HTML 163Page - Analog Devices AD9546 Datasheet HTML 164Page - Analog Devices AD9546 Datasheet HTML 165Page - Analog Devices AD9546 Datasheet HTML 166Page - Analog Devices AD9546 Datasheet HTML 167Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 163 of 205
Auxiliary NCO Offset Frequency
Offset frequency assignment is via Bits[31:0] (unsigned) of
Register 0x2807 to Register 0x280A (for auxiliary NCO 0) and
Register 0x2847 to Register 0x284A (for auxiliary NCO 1).
Bits[31:0] carry units of 2−24 Hz. The offset frequency value of
Bits[31:0] relates to the offset frequency, fOFFSET, as
fOFFSET = Offset Frequency Value × 2−24
For example, given a desired offset frequency of 100 Hz, find the
required 32-bit register value.
Offset Frequency Value = fOFFSET × 224
= 102 × 224
= 1,677,721,600
= 0x 6400 0000 (hexadecimal)
The offset frequency upper limit is 256 Hz (232 × 2−24 Hz).
The main purpose for the offset frequency is to give an external
processor or controller that is limited to 32-bit processing
capability the ability of rapidly changing the output frequency.
For example, it is cumbersome for a 32-bit machine to compute
the 56-bit center frequency and then deliver the computation to
the register map.
The 32-bit offset frequency option alleviates this problem
because the user can initially program an appropriate 56-bit
center frequency and then use 32-bit offset values to change the
output frequency. The 32-bit offset value allows a 32-bit
machine to operate in its native 32-bit environment and
facilitates rapid changing of the output frequency. The offset
values offer less precise tuning than the center frequency
(2−24 Hz vs. 2−40 Hz resolution).
Depending on the tuning range for a given application, the user
can use a combination of the center and offset values to minimize
the number of 8-bit registers required to cover the range, yet
still yield 2−40 Hz frequency resolution. For example, the user can
select a center and offset value that allows the offset to remain
fixed over the tuning range yet constrains tuning changes of the
center value to the lower 8, 16, 24, or 32 bits of the center
frequency value. Using only the LSBs of the center frequency
allows 32-bit (or less) register operations while still maintaining
2−40 Hz frequency tuning resolution.
AUXILIARY NCO PHASE OFFSET
The user can adjust the phase of the auxiliary NCO via
Bits[39:0] (signed, twos complement) in Register 0x2814 to
Register 0x2818 (for auxiliary NCO 0) and Register 0x2854 to
Register 0x2858 (for auxiliary NCO 1). The specific functionality
of the phase adjustment depends on the value of Bit 0 of
Register 0x280F (for auxiliary NCO 0) and Register 0x284F (for
auxiliary NCO 1), as explained in the Absolute Phase Offset
section and the Relative Phase Offset section.
When the user programs Bits[39:0] and asserts the IO update
bit, the AD9546 automatically imposes a specified upper limit
on how fast the phase can change (phase slew). See the
Auxiliary NCO Phase Slew Limit section for details.
Absolute Phase Offset
Absolute phase offset adjustment is in effect when Bit 0 = 0 of
Register 0x280F (for auxiliary NCO 0) and Register 0x284F (for
auxiliary NCO 1). For absolute phase offset adjustments, the phase
offset bits, Bits[39:0], constitute a signed absolute time offset with
1 ps resolution. The signed absolute time offset allows an offset
range of approximately ±0.55 sec (±10−12 sec × 239). However,
the user must limit programmed offset value to ±1 UI (that is,
plus or minus one period of the auxiliary NCO).
Note that programming a phase offset value in excess of the
±1 UI limit causes the device to set the status in Bit 5 or Bit 7 in
Register 0x3002 corresponding to auxiliary NCO 0 or auxiliary
NCO 1, respectively.
For example, given a programmed auxiliary NCO 0 frequency
of 10 kHz (per the center frequency and offset frequency
settings) and a desired phase offset of −15.5°, determine the
necessary value of Bits[39:0] in Register 0x2814 to Register
0x2818, the absolute time offset.
First, ensure the phase offset is less than ±360° to satisfy the
±1 UI maximum phase offset requirement. The desired phase
offset of −15.5° is within the ±1 UI limit.
Next, determine the time, t, associated with a −15.5° phase
offset.
t = (−15.5°/360°)/(10 kHz)
= −4.3055555556 µs (to 10 decimal places)
Finally, convert the value of t to units of ps.
Bits[39:0] = t/(10−12 sec)
= (−4.3055555556 × 10−6 s)/(10−12 sec)
= −4,305,556 (nearest integer)
= 0x FF FFBE 4D6C (40-bit hexadecimal)
Relative Phase Offset
Relative phase offset adjustment is in effect when Bit 0 = 1 of
Register 0x280F (for auxiliary NCO 0) and Register 0x284F (for
auxiliary NCO 1). For relative phase offset adjustments, the phase
offset bits, Bits[39:0], constitute a signed relative offset specified
as a fraction of the period of the auxiliary NCO. Thus, Bits[39:0]
cover a range from −½ UI to 1 LSB less than +½ UI.
For example, given a programmed auxiliary NCO 0 frequency
of 10 kHz (per the center frequency and offset frequency settings)
and a desired phase offset of −15.5°, determine the necessary
value of Bits[39:0] in Register 0x2814 to Register 0x2818, the
relative time offset.
First, the phase offset must be within ±180° to satisfy the ±½ UI
maximum offset requirement. The desired phase offset of
−15.5° is within the ±½ UI limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com