Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 160 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 160 Page - Analog Devices

Back Button AD9546 Datasheet HTML 156Page - Analog Devices AD9546 Datasheet HTML 157Page - Analog Devices AD9546 Datasheet HTML 158Page - Analog Devices AD9546 Datasheet HTML 159Page - Analog Devices AD9546 Datasheet HTML 160Page - Analog Devices AD9546 Datasheet HTML 161Page - Analog Devices AD9546 Datasheet HTML 162Page - Analog Devices AD9546 Datasheet HTML 163Page - Analog Devices AD9546 Datasheet HTML 164Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 160 of 205
TIMING SKEW MEASUREMENTS USING TWO TDCs
TIME STAMP SOURCES
SKEW
REFERENCE
SOURCE
SKEW
MEASUREMENT
PROCESSOR
SKEW
TARGET
SOURCE
CLOCK SOURCE
(DERIVED FROM SYSTEM CLOCK)
OFFSET
DRIFT
62
62
4
WINDOW
TAG
TAG
REFERENCE
TDCS
AUXILIARY NCOS
AUXILIARY
REFERENCE TDCS
DPLL FEEDBACK
TDCS
INVERSE
USER TIME
STAMPERS (IUTS)
DIGITAL CROSS
POINT MUX
TIME
STAMPS
NOTE
1. A RANGE OF BITS USES A COLON SEPARATOR
TIME
STAMPS
TIME
STAMPS
TIME
STAMPS
TIME
STAMPS
REG 0x3A3B TO 0x3A34, BITS[61:0]
REG 0x300C, BIT 5
REG 0x3A3B, BIT 7
REG 0x300F, BIT 4
REG 0x3A33, BIT 7
REG 0x3A33 TO 0x3A2C, BITS[61:0]
REG 0x2A14, BITS[3:0]
REG 0x2A15, BIT 5
REG 0x2A16, BIT 5
REG 0x2A15, BITS[4:0]
REG 0x2A16, BITS[4:0]
Figure 109. Skew Measurement Block Diagram
The UTSP (see the User Time Stamp Processor (UTSP)
section) allows the user to read time stamps originating from
various time stamp sources—the time stamps indicating the
occurrence of a rising edge at the signal source. Sometimes,
however, it is desirable to know the relative phase offset
between the rising edges of two different signal sources rather
than the corresponding time associated with each edge. To this
end, the AD9546 provides the ability to measure and report the
time difference (timing skew) between two time stamps
(usually, but not exclusively, from different sources). The time
difference between time stamps relates directly to phase offset.
Time skew (phase offset) only has meaning when two clock
signals operate at the same frequency. Otherwise, the phase
offset is not constant but drifts over time. Figure 109 shows a
block diagram of the skew measurement processor.
Time skew measurements involve a reference time stamp
source and a target time stamp source. The user assigns the
reference time stamp source via Bits[4:0] of Register 0x2A15 and
the target time stamp source via Bits[4:0] of Register 0x2A16.
The decimal value of Bits[4:0] selects the time stamp source per
Table 94, except that the default selection is REFA for both the
reference time stamp source and target time stamp source.
Unlike the results from the UTSP, which constitute individual
measurements, the offset and skew measurements from the
skew measurement processor constitute an averaged group of
sequential measurements. The user selects the number, N, of
samples averaged per measurement via Bits[3:0] of
Register 0x2A14 according to Table 95.
Table 95. Skew Measurement Window Settings
Bits[3:0]
N for Skew Offset
N for Skew Drift
0
2
2
1
4
4
2
8
8
3
16
16
4
32
16
5
64
16
6
128
16
7
256
16
8
512
16
9
1024
16
10
2048
16
11
4096
16
12
8192
16
13
16384
16
14
32768
16
The selected skew window size bit field value sets the number
of averaging samples for both skew offset and skew drift
measurements. However, a given selection may yield a different
number of averaging samples for offset measurements vs. drift
measurements, as shown in Table 95.
The skew offset and drift measurements constitute a low-pass
filtered sequence of N samples. That is, the skew measurement
processor smooths out (that is, averages) the measurement
variation over N samples. After an N sample average is
established, subsequent measurements include the next sample
and the preceding N − 1 samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com