Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 157 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 157 Page - Analog Devices

Back Button AD9546 Datasheet HTML 153Page - Analog Devices AD9546 Datasheet HTML 154Page - Analog Devices AD9546 Datasheet HTML 155Page - Analog Devices AD9546 Datasheet HTML 156Page - Analog Devices AD9546 Datasheet HTML 157Page - Analog Devices AD9546 Datasheet HTML 158Page - Analog Devices AD9546 Datasheet HTML 159Page - Analog Devices AD9546 Datasheet HTML 160Page - Analog Devices AD9546 Datasheet HTML 161Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 157 of 205
USER TIME STAMP PROCESSOR (UTSP)
UTSP OVERVIEW
The user can view time stamps from the various time stamp
sources (see the Time Stamps section) via the UTSPs. The
AD9546 has two UTSPs with their respective output results
available via the register map, as shown in Figure 107. The
UTSPs convert time stamps originating from a given time
stamp source (see Table 92) to a time scale meaningful to the
user. The time scale conversion is necessary because the time
stamp sources use an arbitrary time scale internal to the device,
which is meaningless to the user.
The user selects the desired time scale source for a UTSP via
Bits[7:6] of Register 0x2A12 (for UTSP 0) and Register 0x2A13 (for
UTSP 1). The value of Bits[7:6] selects the desired time scale per
Table 93. Note that either one of the UTSPs can use either one of
the auxiliary NCO time scales.
Table 93. UTSP Time Scale Source
Bits[7:6] (Decimal)
Description
0
Auxiliary NCO 0 time scale (default)
1
Common time scale
2
Auxiliary NCO 1 time scale
3
Common time scale
To attach a particular time stamp source to a UTSP, use
Bits[4:0] (unsigned) of Register 0x2A12 (for UTSP 0) and
Register 0x2A13 (for UTSP 1). The value of Bits[4:0] select the
desired time stamp source per Table 94.
Table 94. UTSP Input Time Stamp Source
Bits[4:0] (Decimal)
Description
0
REFA TDC
1
REFAA TDC
2
REFB TDC
3
REFBB TDC
4
DPLL0 feedback TDC
5
DPLL1 feedback TDC
6
Auxiliary REF0 TDC (default for UTSP 0)
7
Auxiliary REF1 TDC (default for UTSP 1)
8
Auxiliary NCO 0 time scale
9
Auxiliary NCO 1 time scale
10
Auxiliary REF0 TDC
11
Auxiliary REF2 TDC
12
Auxiliary REF3 TDC
13
IUTS 0
14
IUTS 1
15 to 31
Not applicable
READING USER TIME STAMPS
The converted input time stamps are available at the output of
the UTSP via Bits[79:0] in Register 0x3A14 to Register 0x3A1D
(for UTSP 0) and Register 0x3A20 to Register 0x3A29 (for
UTSP 1). However, the user must assert an IO update operation
(see the IO Update section) prior to reading Bits[79:0]. The
UTSPs perform time stamp conversions as the time stamps
arrive from their prescribed time stamp sources. As such, the
UTSPs are event driven. Because of this event driven process,
the user cannot be certain that the data residing in Bits[79:0] is
indeed relevant. There are two methods for mitigating this
problem.
The first method is to read Bits[79:0] periodically. However, to
avoid missing time stamps, the user must read Bits[79:0] at a
rate greater than the expected rate of the time stamp source
assigned to the input of the UTSP. Because consecutive time
stamps arriving from a time source cannot have the same value
(by definition), it guarantees that a time stamp reading
different from the last constitutes a new time stamp.
The second method is to use the IRQ feature set of the AD9546
(see the Interrupt Request (IRQ) section). Whenever a UTSP
completes a time stamp conversion, the corresponding status Bit
2 (for UTSP 0) or Bit 3 (for UTSP 1) of Register 0x300F
(assuming the status bit is unmasked) is set. Upon the status bit
becoming Logic 1, assert an IO update operation, and read
Bits[79:0] (see Figure 107).
The event driven nature of the UTSP means that the user may
miss one or more user time stamps if multiple time stamps
occurred before the user reads Bits[79:0]. Bits[7:0] in
Register 0x3A1E (for UTSP 0) and Register 0x3A2A (for UTSP 1)
provide a way for the user to check for any missed input time
stamps. When Bits[7:0] indicate a value of zero, then the
current user time stamp is the latest one in a contiguous series.
When Bits[7:0] indicate a nonzero value, then the user missed
the indicated number of time stamps. Therefore, the current
time stamp constitutes the first one in a new series of time
stamps. Missed time stamps are lost and are not recoverable.
In operation, the user must assert an IO update operation,
which refreshes Bits[79:0] and Bits[7:0] with the most recent
values. After asserting an IO update operation, the
recommendation is to read Bits[79:0] immediately followed by
reading Bits[7:0]. Doing so enables immediate assessment of
the value of Bits[7:0] as an integral part of capturing the time
stamp value. Bits[7:0] clear automatically when read.
Because the user specifies the expected input period for a TDC
via the register map, the TDC knows approximately how much
time must elapse between time stamp events. If an event
happens far outside the expected event period, the TDC flags
the time stamp associated with that event as an error via Bit 0 of
Register 0x3A1F (for UTSP 0) and Register 0x3A2B (for UTSP 1).
In general, the user must discard a time stamp when Bit 0 is
Logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com