Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 11Page - NXP Semiconductors FS5502 Datasheet HTML 12Page - NXP Semiconductors FS5502 Datasheet HTML 13Page - NXP Semiconductors FS5502 Datasheet HTML 14Page - NXP Semiconductors FS5502 Datasheet HTML 15Page - NXP Semiconductors FS5502 Datasheet HTML 16Page - NXP Semiconductors FS5502 Datasheet HTML 17Page - NXP Semiconductors FS5502 Datasheet HTML 18Page - NXP Semiconductors FS5502 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Bit
Symbol
Description
Report an error in the Communication (I2C)
COM_ERR = I2C_M_CRC or I2C_M_REQ or FS_COM_G
0
No failure
1
Failure
23
COM_ERR
Reset condition: Real time information - cleared when all individual bits are cleared
Report a wake-up event by WAKE1 or WAKE2
WU_G = WK1FLG or WK2FLG
0
No wake event
1
Wake event
22
WU_G
Reset condition: Real time information - cleared when all individual bits are cleared
Report an event on VPRE (status change or failure)
VPRE_G = VPREOC or VPREUVH or VPREUVL or VPRE_FB_OV
0
No event
1
Event occurred
21
VPRE_G
Reset condition: Real time information - cleared when all individual bits are cleared
Report an event on BUCK1 (status change or failure)
VBUCK1_G = BUCK1OC or BUCK1OT
0
No event
1
Event occurred
19
VBUCK1_G
Reset condition: Real time information - cleared when all individual bits are cleared
Report an event on BUCK3 (status change or failure)
VBUCK3_G = BUCK3OC or BUCK3OT
0
No event
1
Event occurred
17
VBUCK3_G
Reset condition: Real time information - cleared when all individual bits are cleared
Report an event on LDO1 (status change or failure)
VLDO1_G = LDO1OC or LDO1OT
0
No event
1
Event occurred
16
VLDO1_G
Reset condition: Real time information
Main domain I2C communication CRC issue
0
No error
1
Error detected in the I2C CRC
9
I2C_M_CRC
Reset condition: POR / clear on write (write 1)
Invalid main domain I2C access (wrong Write or Read, Write to INIT registers in normal mode,
wrong address)
0
No error
1
I2C violation
8
I2C_M_REQ
Reset condition: POR / clear on Write (write 1)
Table 8. M_FLAG register bit description
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
15 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com