Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 71Page - NXP Semiconductors FS5502 Datasheet HTML 72Page - NXP Semiconductors FS5502 Datasheet HTML 73Page - NXP Semiconductors FS5502 Datasheet HTML 74Page - NXP Semiconductors FS5502 Datasheet HTML 75Page - NXP Semiconductors FS5502 Datasheet HTML 76Page - NXP Semiconductors FS5502 Datasheet HTML 77Page - NXP Semiconductors FS5502 Datasheet HTML 78Page - NXP Semiconductors FS5502 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Clock synchronization (FOUT)
VFOUT_OUT
Output voltage range
—
VDDIO
—
V
FOUTVOL
FOUT low voltage threshold at 2.0 mA
—
—
0.5
V
FOUTVOH
FOUT high voltage threshold at −2.0 mA
VDDIO − 0.5
—
—
V
IFOUT
Tri-state leakage current (VDDIO = 5.0 V)
−1.0
—
1.0
μA
FOUTTRISE
FOUT rise time (from 20 % to 80 % of VDDIO, Cout = 30 pF)
—
—
20
ns
FOUTTFALL
FOUT fall time (from 80 % to 20 % of VDDIO, Cout = 30 pF)
—
—
20
ns
PLLTLOCK
PLL lock time
—
—
90
μs
PLLTSET
PLL settling time (from EXT_FIN_DIS enable to ±1 % of output
frequency)
—
—
125
μs
Table 69. Electrical characteristics...continued
19 I/O interface pins
19.1 WAKE1, WAKE2
WAKE pins are used to manage the internal biasing of the device and the main state
machine transitions.
• When WAKE1 or WAKE2 is > WAKE12VIH, the internal biasing is started and the
equivalent digital state is 1
• When WAKE1 or WAKE2 is < WAKE12VIL, the equivalent digital state is 0
• When WAKE1 and WAKE2 are < WAKE12AVIL, the internal biasing is stopped if the
device was in Standby mode
WAKE1 can be, for example, connected to VBAT and WAKE2 to the wake-up output of a
CAN or FlexRay transceiver. When a WAKE pin is used as a global pin, a CRC protection
is required (see Section 26 "Application information").
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
WAKE12AVIL
Analog low input voltage threshold
1
—
—
V
WAKE12VIL
Digital low input voltage threshold
2
—
—
V
WAKE12VIH
Digital high input voltage threshold
—
—
4
V
Input current leakage at WAKE12 = 36 V
—
—
100
µA
IWAKE12
Input current leakage at WAKE12 = 60 V
—
—
300
μA
TWAKE12
Filtering time
50
70
100
μs
Table 70. WAKE1, WAKE2 electrical characteristics
19.2 INTB
INTB is an open drain output pin with internal pull up to VDDIO. This pin generates a
pulse when an internal interrupt occurs to inform the MCU. Each interrupt can be masked
by setting the corresponding inhibit interrupt bit in M_INT_MASK registers.
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min
Typ
Max
Unit
INTBPULL-up
Internal pull-up resistor to VDDIO
5.5
10
15
kΩ
Table 71. INTB electrical characteristics
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
75 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com