Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 87Page - NXP Semiconductors FS5502 Datasheet HTML 88Page - NXP Semiconductors FS5502 Datasheet HTML 89Page - NXP Semiconductors FS5502 Datasheet HTML 90Page - NXP Semiconductors FS5502 Datasheet HTML 91Page - NXP Semiconductors FS5502 Datasheet HTML 92Page - NXP Semiconductors FS5502 Datasheet HTML 93Page - NXP Semiconductors FS5502 Datasheet HTML 94Page - NXP Semiconductors FS5502 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min
Typ
Max
Unit
VMON1_UV_step Undervoltage threshold step (OTP_
VMON1UVTH[7:0] bits)
—
−0.5
—
%
VMON1_UV_acc Undervoltage threshold accuracy
−2
—
2
%
2.5
5
7.5
μs
10
15
20
μs
20
25
30
μs
TMON1_UV
Undervoltage filtering time (OTP_
VMON1_UV_DGLT[1:0] bits)
35
40
45
μs
VMON1_PD
Internal passive pull down
1
2
4
MΩ
Table 87. VMON1 (without ext resistor accuracy) electrical characteristics...continued
27.3 Fault management
27.3.1 Fault source and reaction
In normal operation when RSTB is released, the fault error counter is incremented when
a fault is detected by the FS5502 fail-safe state machine. Table 88 lists the faults and
their impact on PGOOD and RSTB pins according to the device configuration. The faults
that are configured to not assert RSTB will not increment the fault error counter. In that
case, only the flags are available for MCU diagnostic.
In Orange, the reaction in not configurable.
In Green, the reaction is configurable by OTP for PGOOD and I2C for RSTB during INIT_FS.
Apps related fail-safe faults
FLT_ERR_CNT
increment
RSTB assertion
PGOOD assertion
VCOREMON_OV
+1
VCOREMON_OV_FS_IMPACT[1]
OTP config
VDDIO_OV
+1
VDDIO_OV_FS_IMPACT[1]
OTP config
VMON1_OV
+1
VMON1_OV_FS_IMPACT[1]
OTP config
VCOREMON_UV
+1
VCOREMON_UV_FS_IMPACT[1]
OTP config
VDDIO_UV
+1
VDDIO_UV_FS_IMPACT[1]
OTP config
VMON1_UV
+1
VMON1_UV_FS_IMPACT[1]
OTP config
External RESET (out of extended
RSTB)
+1
Yes (low externally)
No
RSTB pulse request by MCU
No
Yes
No
RSTB short to high
+1
No (high externally)
No
REG_CORRUPT = 1
+1
No
No
OTP_CORRUPT = 1
+1
No
No
Table 88. Application related fail-safe fault list and reaction
If OTP_PGOOD_RSTB = 0 (default configuration), RSTB and PGOOD pins work
independently according to Table 88. If OTP_PGOOD_RSTB = 1, RSTB and PGOOD
pins work concurrently and all the faults asserting RSTB will also assert PGOOD.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
91 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com